전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5684 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD5684
상세설명  Quad, 16-/12-Bit nanoDAC with SPI Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5684 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD5684 Datasheet HTML 7Page - Analog Devices AD5684 Datasheet HTML 8Page - Analog Devices AD5684 Datasheet HTML 9Page - Analog Devices AD5684 Datasheet HTML 10Page - Analog Devices AD5684 Datasheet HTML 11Page - Analog Devices AD5684 Datasheet HTML 12Page - Analog Devices AD5684 Datasheet HTML 13Page - Analog Devices AD5684 Datasheet HTML 14Page - Analog Devices AD5684 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD5686/AD5684
Rev. A | Page 11 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 8. AD5686 INL
Figure 9. AD5684 INL
Figure 10. AD5686 DNL
Figure 11. AD5684 DNL
Figure 12. INL Error and DNL Error vs. Temperature
Figure 13. INL Error and DNL Error vs. VREF
10
–10
–8
–6
–4
–2
0
2
4
8
6
0
10000
20000
30000
40000
50000
60000
CODE
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
10
–10
–8
–6
–4
–2
0
2
4
8
6
0
625
1250
1875
2500
3125
3750 4096
CODE
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.8
0.6
0
10000
20000
30000
40000
50000
60000
CODE
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.8
0.6
0
625
1250
1875
2500
3125
3750 4096
CODE
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
10
–10
–8
–6
–4
–2
0
2
4
6
8
–40
110
60
10
TEMPERATURE (°C)
INL
DNL
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
10
–10
–8
–6
–4
–2
0
2
4
6
8
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VREF (V)
INL
DNL
VDD = 5V
TA = 25°C
REFERENCE = 2.5V


유사한 부품 번호 - AD5684

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5684 AD-AD5684 Datasheet
664Kb / 24P
   Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
AD5684 AD-AD5684 Datasheet
787Kb / 12P
   Full-featured evaluation board
AD5684ARUZ AD-AD5684ARUZ Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
AD5684BCPZ-RL7 AD-AD5684BCPZ-RL7 Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
More results

유사한 설명 - AD5684

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5694ARUZ AD-AD5694ARUZ Datasheet
664Kb / 24P
   Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
AD5696 AD-AD5696 Datasheet
748Kb / 24P
   Quad 16-/12-Bit nanoDAC I2C Interface
AD5024 AD-AD5024_16 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
AD5686 AD-AD5686 Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5317R AD-AD5317R Datasheet
1Mb / 28P
   Quad, 10-Bit nanoDAC Reference, SPI Interface
AD5601 AD-AD5601_16 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com