전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1521T 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 TEA1521T
상세설명  SMPS ICs for low-power systems Rev. 04 ??14 September 2010
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1521T 데이터시트(HTML) 1 Page - NXP Semiconductors

  TEA1521T Datasheet HTML 1Page - NXP Semiconductors TEA1521T Datasheet HTML 2Page - NXP Semiconductors TEA1521T Datasheet HTML 3Page - NXP Semiconductors TEA1521T Datasheet HTML 4Page - NXP Semiconductors TEA1521T Datasheet HTML 5Page - NXP Semiconductors TEA1521T Datasheet HTML 6Page - NXP Semiconductors TEA1521T Datasheet HTML 7Page - NXP Semiconductors TEA1521T Datasheet HTML 8Page - NXP Semiconductors TEA1521T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The TEA152x family STARplug is a Switched Mode Power Supply (SMPS) controller IC
that operates directly from the rectified universal mains. It is implemented in the
high-voltage EZ-HV SOI process, combined with a low-voltage Bipolar Complementary
Metal-Oxide Semiconductor (BiCMOS) process. The device includes a high-voltage
power switch and a circuit for start-up directly from the rectified mains voltage.
A dedicated circuit for valley switching is built in, which makes a very efficient slim-line
electronic power-plug concept possible.
In its most basic version of application, the TEA152x family acts as a voltage source.
Here, no additional secondary electronics are required. A combined voltage and current
source can be realized with minimum costs for external components. Implementation of
the TEA152x family renders an efficient and low cost power supply system.
2.
Features and benefits
Designed for general purpose supplies up to 30 W
Integrated power switch:
TEA1520x: 48
Ω; 650 V
TEA1521x: 24
Ω; 650 V
TEA1522x: 12
Ω; 650 V
TEA1523P: 6.5
Ω; 650 V
Operates from universal AC mains supplies (80 V to 276 V)
Adjustable frequency for flexible design
RC oscillator for load insensitive regulation loop constant
Valley switching for minimum switch-on loss
Frequency reduction at low power output makes low standby power possible
(< 100 mW)
Adjustable overcurrent protection
Undervoltage protection
Temperature protection
Short-circuit winding protection
Simple application with both primary and secondary (opto) feedback
Available in DIP8 and SO14 packages
TEA152x
SMPS ICs for low-power systems
Rev. 04 — 14 September 2010
Product data sheet


유사한 부품 번호 - TEA1521T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1521T NXP-TEA1521T Datasheet
103Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA1521T NXP-TEA1521T Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA1521T PHILIPS-TEA1521T Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
TEA1521T/N2 NXP-TEA1521T/N2 Datasheet
614Kb / 2P
   Cut costs and size for effi cient low-power supplies
2007
More results

유사한 설명 - TEA1521T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA152X NXP-TEA152X_10 Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA152X NXP-TEA152X Datasheet
103Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA152X PHILIPS-TEA152X Datasheet
95Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
SSL1623PH NXP-SSL1623PH Datasheet
85Kb / 15P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL152X NXP-SSL152X_09 Datasheet
103Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 02-10 March 2009
PMBFJ112-215 NXP-PMBFJ112-215 Datasheet
87Kb / 9P
   N-channel junction FETs Rev. 4 ??20 September 2011
Rev. 4-20 September 2011
SSL152X NXP-SSL152X Datasheet
94Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
logo
Texas Instruments
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com