전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT25C05 데이터시트(PDF) 1 Page - Catalyst Semiconductor

부품명 CAT25C05
상세설명  2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C05 데이터시트(HTML) 1 Page - Catalyst Semiconductor

  CAT25C05 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C05 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C05 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C05 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C05 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C05 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C05 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C05 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C05 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
CAT25C03/05/09/17/33
2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
FEATURES
s 10 MHz SPI Compatible
s 1.8 to 6.0 Volt Operation
s Hardware and Software Protection
s Zero Standby Current
s Low Power CMOS Technology
s SPI Modes (0,0 &1,1)
s Commercial, Industrial and Automotive
Temperature Ranges
s 1,000,000 Program/Erase Cycles
s 100 Year Data Retention
s Self-Timed Write Cycle
s 8-Pin DIP/SOIC, 16-Pin SOIC and 14-Pin TSSOP
s Page Write Buffer
s Write Protection
– Protect First Page, Last Page, Any 1/4 Array
or Lower 1/2 Array
PIN CONFIGURATION
DIP Package (P)
SOIC Package (S16)
PIN FUNCTIONS
Pin Name
Function
SO
Serial Data Output
SCK
Serial Clock
WP
Write Protect
VCC
+1.8V to +6.0V Power Supply
VSS
Ground
CS
Chip Select
SI
Serial Data Input
HOLD
Suspends Serial Input
NC
No Connect
BLOCK DIAGRAM
© 1998 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Advanced
DESCRIPTION
The CAT25C03/05/09/17/33 is a 2K/4K/8K/16K/32K-Bit
SPI Serial CMOS E2PROM internally organized as
256x8/512x8/1024x8/2048x8/4096x8
bits. Catalyst’s
advanced CMOS Technology substantially reduces de-
vice power requirements. The CAT25C03/05 features a
16-byte page write buffer. The 25C09/17/33 features a
32-byte page write buffer.The device operates via the
SPI bus serial interface and is enabled though a Chip
Select (
CS). In addition to the Chip Select, the clock
input (SCK), data in (SI) and data out (SO) are required
to access the device. The
HOLD pin may be used to
suspend any serial communication without resetting the
serial sequence. The CAT25C03/05/09/17/33 is de-
signed with software and hardware write protection
features. The device is available in 8-pin DIP, 8-pin
SOIC, 16-pin SOIC, 8-pin TSSOP and 14-pin TSSOP
packages.
TSSOP Package (U14)
SENSE AMPS
SHIFT REGISTERS
SPI
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
I/O
CONTROL
E2PROM
ARRAY
COLUMN
DECODERS
XDEC
HIGH VOLTAGE/
TIMING CONTROL
SO
25C128 F02
STATUS
REGISTER
BLOCK
PROTECT
LOGIC
DATA IN
STORAGE
SI
CS
WP
HOLD
SCK
SOIC Package (S)
VSS
SO
WP
VCC
HOLD
SCK
SI
1
2
3
4
8
7
6
5
CS
SO
WP
CS
VCC
SCK
SI
1
2
3
4
8
7
6
5
VSS
HOLD
CS
NC
1
2
3
4
14
13
12
11
NC
NC
NC
5
6
710
9
8
NC
SCK
VSS
SI
NC
WP
VCC
HOLD
SO
15
16
NC
NC
CS
WP
HOLD
VCC
NC
NC
NC
NC
SO
NC
NC
VSS
SCK
SI
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TSSOP Package (U)
8
7
6
5
VCC
WP
SCL
CS
VSS
1
2
3
4
SO
HOLD
SI
Doc. No. 25068-00 2/98


유사한 부품 번호 - CAT25C05

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT25C05 CATALYST-CAT25C05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C05GLATE13 CATALYST-CAT25C05GLATE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C05GLETE13 CATALYST-CAT25C05GLETE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C05GLITE13 CATALYST-CAT25C05GLITE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C05GVATE13 CATALYST-CAT25C05GVATE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results

유사한 설명 - CAT25C05

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
logo
Seiko Instruments Inc
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
logo
Catalyst Semiconductor
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com