전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA205A182JAR 데이터시트(PDF) 4 Page - AVX Corporation

부품명 SA205A182JAR
상세설명  AVX SA Series Conformally Coated Axial Leaded MLC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVX [AVX Corporation]
홈페이지  http://www.avx.com
Logo AVX - AVX Corporation

SA205A182JAR 데이터시트(HTML) 4 Page - AVX Corporation

  SA205A182JAR Datasheet HTML 1Page - AVX Corporation SA205A182JAR Datasheet HTML 2Page - AVX Corporation SA205A182JAR Datasheet HTML 3Page - AVX Corporation SA205A182JAR Datasheet HTML 4Page - AVX Corporation SA205A182JAR Datasheet HTML 5Page - AVX Corporation SA205A182JAR Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
40
Axial Leads/SpinGuard®
Z5U Dielectric
= Industry preferred values
For other tolerances see Part No. Codes
For other voltages see Part No. Codes
AVX Style
*Preferred Industry Decoupling Capacitor — Insertable on .300" centers.
SA105E104ZAA
AVX Style
SA05
SA10
SA11
SA20
SA30
SA40
Length
3.00
4.32
4.32
6.60
7.37
10.16
(L)
(.118")
(.170")
(.170")
(.260")
(.290")
(.400")
Diameter
2.30
2.54
3.05
2.54
3.81
3.81
(D)
(.090")
(.100")
(.120")
(.100")
(.150")
(.150")
Lead
.445
.445
.445
.445
.445
.445
Diameter
(.0175")
(.0175")
(.0175")
(.0175")
(.0175")
(.0175")
Lead
25.4
25.4
25.4
25.4
25.4
25.4
Length
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
Cap. in
Typical AVX
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Part Nos.
50
100
50
100
50
100
50
100
50
100
50
10,000
SA105E103ZAR
15,000
SA105E153ZAR
22,000
SA105E223ZAR
33,000
SA105E333ZAR
47,000
SA105E473ZAR
68,000
SA105E683ZAR
*100,000
SA105E104ZAR
150,000
SA105E154ZAR
220,000
SA105E224ZAR
330,000
SA115E334ZAR
470,000
SA305E474ZAR
680,000
SA305E684ZAR
820,000
SA305E824ZAR
1,000,000
SA305E105ZAR
Dimensions: Millimeters (Inches)
SIZE AND CAPACITANCE SPECIFICATIONS


유사한 부품 번호 - SA205A182JAR

제조업체부품명데이터시트상세설명
logo
AVX Corporation
SA205A182JAR AVX-SA205A182JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA205A182JAR AVX-SA205A182JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA205A182JAR AVX-SA205A182JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA205A182JAR AVX-SA205A182JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
More results

유사한 설명 - SA205A182JAR

제조업체부품명데이터시트상세설명
logo
AVX Corporation
SA101C103KAR AVX-SA101C103KAR Datasheet
261Kb / 6P
   Conformally Coated Axial Leaded MLC
SR215C683KAA AVX-SR215C683KAA Datasheet
177Kb / 4P
   Conformally Coated Radial Leaded MLC
logo
Cornell Dubilier Electr...
P10 CDE-P10 Datasheet
189Kb / 4P
   Conformally coated, axial leaded
M15 CDE-M15 Datasheet
157Kb / 6P
   Conformally coated, radial leaded
logo
RENCO ELECTRONICS, INC.
RL-1505 RENCO-RL-1505 Datasheet
177Kb / 2P
   MINI-INDUCTORS CONFORMALLY COATED
RL-1507 RENCO-RL-1507 Datasheet
1Mb / 3P
   MINI-INDUCTORS CONFORMALLY COATED
logo
List of Unclassifed Man...
FLA ETC-FLA Datasheet
50Kb / 2P
   Precision Resistor (Conformally Coated)
logo
Kemet Corporation
SBCP-47HY150HB KEMET-SBCP-47HY150HB Datasheet
366Kb / 6P
   Conformally Coated SBCP Coils
SBC1-101-571 KEMET-SBC1-101-571 Datasheet
509Kb / 12P
   Conformally Coated SBC Coils
logo
RENCO ELECTRONICS, INC.
RL-1506 RENCO-RL-1506 Datasheet
1Mb / 3P
   MINI-INDUCTORS CONFORMALLY COATED
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com