전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT28C257T13-12T 데이터시트(PDF) 4 Page - Catalyst Semiconductor

부품명 CAT28C257T13-12T
상세설명  256K-Bit CMOS PARALLEL E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C257T13-12T 데이터시트(HTML) 4 Page - Catalyst Semiconductor

  CAT28C257T13-12T Datasheet HTML 1Page - Catalyst Semiconductor CAT28C257T13-12T Datasheet HTML 2Page - Catalyst Semiconductor CAT28C257T13-12T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C257T13-12T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C257T13-12T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C257T13-12T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C257T13-12T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C257T13-12T Datasheet HTML 8Page - Catalyst Semiconductor CAT28C257T13-12T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT28C257
4
Doc. No. 25073-00 2/98
Advanced
MODE SELECTION
Mode
CE
WE
OE
I/O
Power
Read
L
H
L
DOUT
ACTIVE
Byte Write (WE Controlled)
L
H
DIN
ACTIVE
Byte Write (CE Controlled)
L
H
DIN
ACTIVE
Standby, and Write Inhibit
H
X
X
High-Z
STANDBY
Read and Write Inhibit
X
H
H
High-Z
ACTIVE
CAPACITANCE TA = 25°C, f = 1.0 MHz, VCC = 5V
Symbol
Test
Max.
Units
Conditions
CI/O(1)
Input/Output Capacitance
10
pF
VI/O = 0V
CIN(1)
Input Capacitance
6
pF
VIN = 0V
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) Output floating (High-Z) is defined as the state when the external data line is no longer driven by the output buffer.
28C257-90
28C257-12
28C257-15
Symbol
Parameter
Min.
Max.
Min.
Max
Min.
Max.
Units
tRC
Read Cycle Time
90
120
150
ns
tCE
CE Access Time
90
120
150
ns
tAA
Address Access Time
90
120
150
ns
tOE
OE Access Time
40
50
70
ns
tLZ(1)
CE Low to Active Output
0
0
0
ns
tOLZ(1)
OE Low to Active Output
0
0
0
ns
tHZ(1)(2)
CE High to High-Z Output
40
50
50
ns
tOHZ(1)(2)
OE High to High-Z Output
40
50
50
ns
tOH(1)
Output Hold from Address Change
0
0
0
ns
A.C. CHARACTERISTICS, Read Cycle
VCC=5V + 10%, Unless otherwise specified
Symbol
Parameter
Min.
Max.
Units
tPUR
Power-Up to Read
100
µs
tPUW
Power-Up to Write
5
10
ms
Power-Up Timing


유사한 부품 번호 - CAT28C257T13-12T

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT28C257 CATALYST-CAT28C257 Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
logo
Catalyst Semiconductor
CAT28C257G-12T CATALYST-CAT28C257G-12T Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
CAT28C257G-15T CATALYST-CAT28C257G-15T Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
CAT28C257GA-12T CATALYST-CAT28C257GA-12T Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
More results

유사한 설명 - CAT28C257T13-12T

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256_04 Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com