전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC5202S 데이터시트(PDF) 8 Page - Sanken electric

부품명 LC5202S
상세설명  Off-Line LED Driver ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5202S 데이터시트(HTML) 8 Page - Sanken electric

Back Button LC5202S Datasheet HTML 4Page - Sanken electric LC5202S Datasheet HTML 5Page - Sanken electric LC5202S Datasheet HTML 6Page - Sanken electric LC5202S Datasheet HTML 7Page - Sanken electric LC5202S Datasheet HTML 8Page - Sanken electric LC5202S Datasheet HTML 9Page - Sanken electric LC5202S Datasheet HTML 10Page - Sanken electric LC5202S Datasheet HTML 11Page - Sanken electric LC5202S Datasheet HTML 12Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
SANKEN ELECTRIC CO., LTD.
LC5200-DS, Rev. 6.0
Off-Line LED Driver ICs
LC5200 Series
Pb-free. Device composition compliant
with the RoHS directive.
0~15°
0~15°
0.25 +0.1
- 0.05
1
4
5
8
9.4 ±0.3
0.5 ±0.1
0.89 TYP
(7.6 TYP)
2.54 TYP
-0.05
-0.05
+0.3
+0.3
1.0
1.52
Unit: mm
Part Number
8
1
Lot Number
Sanken Control Number
Y is the last digit of the year (0 to 9)
M is the month (1 to 9, O, N, or D)
W is week code (1 to 3)
LC52xx
SK YMW
XXXX
DIP8
Package Diagrams


유사한 부품 번호 - LC5202S

제조업체부품명데이터시트상세설명
logo
Sanken electric
LC5202S SANKEN-LC5202S Datasheet
279Kb / 8P
   Hybrid Integrated Circuit
More results

유사한 설명 - LC5202S

제조업체부품명데이터시트상세설명
logo
Sanken electric
LC5222D SANKEN-LC5222D Datasheet
271Kb / 11P
   Off-Line DC / DC LED Driver ICs
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
   Off-Line DC / DC LED Driver ICs
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
   Off Line LED Driver
logo
IXYS Corporation
MXHV9910 IXYS-MXHV9910 Datasheet
348Kb / 12P
   Off-Line, High Brightness LED Driver
logo
Supertex, Inc
HV9921DB1 SUTEX-HV9921DB1 Datasheet
343Kb / 2P
   Universal Off-line LED Driver Demoboard
logo
Clare, Inc.
MXHV9910 CLARE-MXHV9910 Datasheet
604Kb / 11P
   Off-Line, High Brightness LED Driver
logo
Sanken electric
LC5200 SANKEN-LC5200_12 Datasheet
93Kb / 2P
   LED Driver ICs
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com