전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si4739 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 Si4739
상세설명  BROADCAST MULTI-BAND RADIO RECEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4739 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button Si4739 Datasheet HTML 6Page - Silicon Laboratories Si4739 Datasheet HTML 7Page - Silicon Laboratories Si4739 Datasheet HTML 8Page - Silicon Laboratories Si4739 Datasheet HTML 9Page - Silicon Laboratories Si4739 Datasheet HTML 10Page - Silicon Laboratories Si4739 Datasheet HTML 11Page - Silicon Laboratories Si4739 Datasheet HTML 12Page - Silicon Laboratories Si4739 Datasheet HTML 13Page - Silicon Laboratories Si4739 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Si473x-B20
10
Rev. 0.5
Figure 4. Digital Audio Interface Timing Parameters, I2S Mode
Table 6. Digital Audio Interface Characteristics
(VDD = 2.7 to 5.5 V, VIO = 1.5 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DCLK Cycle Time
tDCT
26
1000
ns
DCLK Pulse Width High
tDCH
10
ns
DCLK Pulse Width Low
tDCL
10
ns
DFS Set-up Time to DCLK Rising Edge
tSU:DFS
5—
ns
DFS Hold Time from DCLK Rising Edge
tHD:DFS
5—
ns
DOUT Propagation Delay from DCLK Falling
Edge
tPD:DOUT
0—
12
ns
DCLK
DFS
tDCT
tPD:OUT
tSU:DFS
tHD:DFS
DOUT
tDCH
tDCL


유사한 부품 번호 - Si4739

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4739 SILABS-SI4739 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4739 SILABS-SI4739 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4739 SILABS-SI4739 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
Si4739 SILABS-Si4739 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
SI4739-B20 SILABS-SI4739-B20 Datasheet
624Kb / 38P
   BROADCAST WEATHER BAND RADIO RECEIVER
More results

유사한 설명 - Si4739

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4736-B20 SILABS-SI4736-B20 Datasheet
624Kb / 38P
   BROADCAST WEATHER BAND RADIO RECEIVER
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
   Broadcast AM/FM Radio Receiver
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4730-C40-GM SILABS-SI4730-C40-GM Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4704-D50 SILABS-SI4704-D50 Datasheet
1Mb / 34P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com