전자부품 데이터시트 검색엔진 |
|
74261 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers |
|
74261 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 2 page Wiha Quality Tools Germany www.wihatools.com 197 Spanner Insert Bits, 1/4” Item No. Size mm pkg. lbs. 719 14 4 2510.11 719 16 6 2510.12 719 18 8 2510.12 719 20 10 25 10 .12 719 Spanner Insert Bit Packs, 1 ” CVM S2 modified tool steel. Item No. Size mm lbs. 2 Bit Pack 719 63 425 .03 719 64 625 .03 719 65 825 .04 719 66 10 25 .04 719 Spanner Bits Torq Set Power Bits, 1/4”/50mm Item No. Size mm pkg. lbs. 749 11 4 50 10 .03 749 12 5 50 10 .03 749 13 6 50 10 .03 749 14 8 50 10 .04 749 15 10 50 10 .04 749 Torq Set Insert Bits, 1/4” Item No. Size mm pkg. lbs. 719 21 0 25 10 .10 719 22 1 25 10 .10 719 23 2 25 10 .10 719 24 3 25 10 .10 719 07 4 25 10 .10 719 09 5 25 10 .10 719 06 6 25 10 .10 719 08 8 25 10 .13 719 10 10 25 10 .13 719 Torq Set Insert Bit Packs, 1 ” CVM S2 modified tool steel. Item No. Size mm lbs. 2 Bit Pack 719 11 4 25 .03 719 12 5 25 .03 719 57 6 25 .03 719 58 8 25 .04 719 59 10 25 .04 719 Torq Set Bits Torq Set Power Bit Packs, 2 ” CVM S2 modified tool steel. Item No. Size mm lbs. 2 Bit Pack 749 64 4 50 .06 749 65 5 50 .06 749 66 6 50 .06 749 67 8 50 .07 749 68 10 50 .07 749 Pozidriv® Insert Bits, 1/4” Item No. Size mm pkg. lbs. 712 00 0 25 10 .10 712 01 1 25 10 .10 712 02 2 25 10 .10 712 03 3 25 10 .10 712 Pozidriv® Power Bits. 1/4” Hex Drive, Length 2.0”/50mm Item No. Size mm pkg. lbs. 742 03 1 50 10 .24 742 12 2 50 10 .25 742 21 3 50 10 .26 742 Pozidriv® Power Bits. 1/4” Hex Drive, Length 3.5”/90mm Item No. Size mm pkg. lbs. 742 07 1 90 10 .34 742 16 2 90 10 .46 742 25 3 90 10 .53 742 PoziDriv® Bits Pozidriv® Insert Bit Packs, 1 ” CVM S2 modified tool steel. Item No. Size mm lbs. 2 Bit Pack 712 50 0 25 .03 712 51 1 25 .03 712 52 2 25 .03 712 53 3 25 .04 712 Pozidriv® Insert Bit Packs, 1 ” CVM S2 modified tool steel. Extra hard with natural finish. Exact fit machined tips. 3 pc. bit pack. 712 54 Set includes the following bits: Pozidriv® Sizes: wt. .04 1, 2, 3 x 1” (25mm) 712 54 Pozidriv® Power Bit Packs, 2 ” CVM S2 modified tool steel. Item No. Size mm lbs. 2 Bit Pack 742 61 1 50 .06 742 62 2 50 .06 742 63 3 50 .07 742 Go To Image Index Go To Numerical Index I N D E X SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP PREVIOUS NEXT |
유사한 부품 번호 - 74261 |
|
유사한 설명 - 74261 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |