전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA2901YFV-ME2 데이터시트(PDF) 2 Page - Rohm

부품명 BA2901YFV-ME2
상세설명  Automotive Ground Sense Comparators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA2901YFV-ME2 데이터시트(HTML) 2 Page - Rohm

  BA2901YFV-ME2 Datasheet HTML 1Page - Rohm BA2901YFV-ME2 Datasheet HTML 2Page - Rohm BA2901YFV-ME2 Datasheet HTML 3Page - Rohm BA2901YFV-ME2 Datasheet HTML 4Page - Rohm BA2901YFV-ME2 Datasheet HTML 5Page - Rohm BA2901YFV-ME2 Datasheet HTML 6Page - Rohm BA2901YFV-ME2 Datasheet HTML 7Page - Rohm BA2901YFV-ME2 Datasheet HTML 8Page - Rohm BA2901YFV-ME2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.rohm.com © 2012 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RFR1G200550-1-2
TSZ22111・15・001
2/24
25.SEP.2012 Rev.001
BA2903Yxxx-M, BA2901Yxx-M
Datasheet
● Pin Configuration
●Ordering Information
B
A
2
9
0
x
Y
x
x
x
-
M
x
x
Part Number
BA2903Yxxx
BA2901Yxx
Package
F
: SOP8
SOP14
FV
: SSOP-B8
: SSOP-B14
FVM : MSOP8
Packaging and forming specification
E2: Embossed tape and reel
(SOP8/SOP14/
SSOP-B8/SSOP-B14)
TR: Embossed tape and reel
(MSOP8)
M: Automotive (car navigation
system, car audio, etc.)
●Line-up
Topr
Operating
Supply
Voltage
Dual/Quad
Package
Orderable
Part Number
-40℃ to +125℃
+2.0V ~ +36V
Dual
SOP8
Reel of 2500
BA2903YF-ME2
SSOP-B8
Reel of 2500
BA2903YFV-ME2
MSOP8
Reel of 3000
BA2903YFVM-MTR
Quad
SOP14
Reel of 2500
BA2901YF-ME2
SSOP-B14
Reel of 2500
BA2901YFV-ME2
Package
SOP8
SSOP-B8
MSOP8
SOP14
SSOP-B14
BA2903YF-M
BA2903YFV-M
BA2903YFVM-M
BA2901YF-M
BA2901YFV-M
SOP14
SSOP-B14
(Top View)
OUT1
- IN1
+IN1
VEE
1
2
3
4
8
7
6
5
VCC
OUT2
- IN2
+ IN2
CH1
CH2
(Top View)
CH3
1
2
3
4
5
6
7
OUT1
- IN2
+IN2
VCC
+IN1
- IN1
OUT2
9
8
VEE
OUT4
-IN4
+IN4
+IN3
- IN3
OUT3
13
12
11
14
10
CH2
CH1
CH4
MSOP8
SSOP-B8
SOP8


유사한 부품 번호 - BA2901YFV-ME2

제조업체부품명데이터시트상세설명
logo
Rohm
BA2901YFV-C ROHM-BA2901YFV-C Datasheet
382Kb / 17P
   Automotive Comparators:Ground Sense
BA2901YFV-C ROHM-BA2901YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YFV-CE2 ROHM-BA2901YFV-CE2 Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2901YFV-CE2 ROHM-BA2901YFV-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
BA2901YFV-CE2 ROHM-BA2901YFV-CE2 Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
More results

유사한 설명 - BA2901YFV-ME2

제조업체부품명데이터시트상세설명
logo
Rohm
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com