전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA2904YFV-ME2 데이터시트(PDF) 10 Page - Rohm

부품명 BA2904YFV-ME2
상세설명  Automotive Ground Sense Operational Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA2904YFV-ME2 데이터시트(HTML) 10 Page - Rohm

Back Button BA2904YFV-ME2 Datasheet HTML 6Page - Rohm BA2904YFV-ME2 Datasheet HTML 7Page - Rohm BA2904YFV-ME2 Datasheet HTML 8Page - Rohm BA2904YFV-ME2 Datasheet HTML 9Page - Rohm BA2904YFV-ME2 Datasheet HTML 10Page - Rohm BA2904YFV-ME2 Datasheet HTML 11Page - Rohm BA2904YFV-ME2 Datasheet HTML 12Page - Rohm BA2904YFV-ME2 Datasheet HTML 13Page - Rohm BA2904YFV-ME2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Datasheet
www.rohm.com © 2012 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RAR1G200510-1-2
TSZ22111・15・001
10/26
26.SEP.2012 Rev.002
BA2904Yxxx-M, BA2902Yxx-M
Fig.10
Output Sink Current – Ambient Temperature
(VOUT=VCC)
Fig.11
Low Level Sink Current – Supply Voltage
(VOUT=0.2V)
Fig.12
Low Level Sink Current – Ambient Temperature
(VOUT=0.2V)
Fig.13
Input Offset Voltage – Supply Voltage
(Vicm=0V, VOUT=1.4V)
○BA2904Yxxx-M
(*)The above data is measurement value of
typical sample, it is not guaranteed.
0
10
20
30
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
10
20
30
40
50
60
70
80
-50
-25
0
255075
100 125 150
AMBIENT TEMPERATURE [℃]
-8
-6
-4
-2
0
2
4
6
8
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
3V
5V
15V
-40℃
125℃
25℃
32V
5V
3V
-40℃
25℃
125℃


유사한 부품 번호 - BA2904YFV-ME2

제조업체부품명데이터시트상세설명
logo
Rohm
BA2904YFV-ME2 ROHM-BA2904YFV-ME2 Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
More results

유사한 설명 - BA2904YFV-ME2

제조업체부품명데이터시트상세설명
logo
Rohm
BA2904YF-C ROHM-BA2904YF-C Datasheet
383Kb / 17P
   Automotive Operational Amplifiers: Ground Sense
BA2904YF-M ROHM-BA2904YF-M Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
BA2904FC ROHM-BA2904FC Datasheet
471Kb / 30P
   Automotive Ground Sense Operational Amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com