전자부품 데이터시트 검색엔진 |
|
BA2903SF-E2 데이터시트(PDF) 9 Page - Rohm |
|
BA2903SF-E2 데이터시트(HTML) 9 Page - Rohm |
9 / 56 page Datasheet www.rohm.com TSZ02201-0RFR0G200200-1-2 ©2013 ROHM Co., Ltd. All rights reserved. 9/53 11.Dec.2013 Rev.003 TSZ22111 • 15 • 001 BA8391G BA10393F BA10339xx BA2903xxx BA2903Sxxx BA2903Wxx BA2901xx BA2901Sxx Electrical Characteristics - continued ○BA2903Wxx (Unless otherwise specified VCC=+5V, VEE=0V, Ta=25°C) Parameter Symbol Temperature Range Limit Unit Conditions Min Typ Max Input Offset Voltage (Note 33) VIO 25°C - 0.5 2 mV OUT=1.4V Input Offset Current (Note 33) IIO 25°C - 5 50 nA OUT=1.4V Input Bias Current (Note 34,35) IB 25°C - 50 250 nA OUT=1.4V Full range - - 500 Input Common-mode Voltage Range VICM 25°C 0 - VCC-1.5 V - Large Signal Voltage Gain AV 25°C 25 100 - V/mV VCC=15V, OUT=1.4 to 11.4V RL=15kΩ, VRL=15V 88 100 - dB Supply Current (Note 34) ICC 25°C - 0.6 1 mA OUT=Open Full range - - 2.5 OUT=Open, VCC=36V Output Sink Current (Note 36) ISINK 25°C 6 16 - mA +IN=0V, -IN=1V OUT=1.5V Output Saturation Voltage (Note 34) (Low Level Output Voltage) VOL 25°C - 150 400 mV +IN=0V, -IN= 1V ISINK=4mA Full range - - 700 Output Leakage Current (Note 34) (High Level Output Current) ILEAK 25°C - 0.1 - nA +IN=1V, -IN=0V OUT=5V Full range - - 1 μA +IN=1V, -IN=0V OUT=36V Response Time tRE 25°C - 1.3 - μs RL=5.1kΩ, VRL=5V IN=100mVP-P, Overdrive=5mV - 0.4 - RL=5.1kΩ, VRL=5V, IN=TTL Logic Swing, VREF=1.4V (Note 33) Absolute value (Note 34) BA2903W: Full range -40°C to +125°C (Note 35) Current Direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC. (Note 36) Under high temperatures, please consider the power dissipation when selecting the output current. When the output terminal is continuously shorted the output current reduces the internal temperature by flushing. |
유사한 부품 번호 - BA2903SF-E2 |
|
유사한 설명 - BA2903SF-E2 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |