전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D-602-54 데이터시트(PDF) 4 Page - Tyco Electronics

부품명 D-602-54
상세설명  SolderTacts Shielded One-Piece Solder Contacts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

D-602-54 데이터시트(HTML) 4 Page - Tyco Electronics

  D-602-54 Datasheet HTML 1Page - Tyco Electronics D-602-54 Datasheet HTML 2Page - Tyco Electronics D-602-54 Datasheet HTML 3Page - Tyco Electronics D-602-54 Datasheet HTML 4Page - Tyco Electronics D-602-54 Datasheet HTML 5Page - Tyco Electronics D-602-54 Datasheet HTML 6Page - Tyco Electronics D-602-54 Datasheet HTML 7Page - Tyco Electronics D-602-54 Datasheet HTML 8Page - Tyco Electronics D-602-54 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Shielded Contacts
8-70
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-04
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
SolderTacts Shielded One-Piece Solder Contacts (Continued)
Convection (Hot Air) Heating
SolderTacts
Part
Engineering Standard
AT-1319
Repair
Series
No.
(Termination Instructions)
Adapter
Wand
D-602-44/45
ES61133
AT-1319-14
AD-1480
D-602-0172/0173
ES61240
D-602-54/55
ES61132
D-602-0126/0127
ES61199
748
D-610-09/10
ES61187
AT-1319-15
AD-1571
D-602-72/73
ES61135
AT-1319-18
AD-1486
D-602-76/77
ES61164
AT-1319-20
AD-1554
Contact
Contact
SolderTacts Series
Insertion Tool
Removal Tool
Special Tools
AD-1457A
AD-1464
748
*
AD-1447
(bushing tool)
(flex tip
removal tool)
*Not applicable.
Note:
AA-400 SuperHeater Compressed Air Heating Tool shown on page 10-2 can be used for installation. Another option is the Steinel®
General Purpose Hot-Air Heating Tool shown on page 10-13.
Tooling Selection Guide:
MIL-C-28748 Series


유사한 부품 번호 - D-602-54

제조업체부품명데이터시트상세설명
logo
PANDUIT CORP.
D-602-55 PANDUIT-D-602-55 Datasheet
148Kb / 1P
   SHIELDED CONTACT, SOCKET TWISTED PAIR
D-602-55CS315 PANDUIT-D-602-55CS315 Datasheet
148Kb / 1P
   SHIELDED CONTACT, SOCKET TWISTED PAIR
More results

유사한 설명 - D-602-54

제조업체부품명데이터시트상세설명
logo
Bel Fuse Inc.
SS-7488S-GY-PG1 BEL-SS-7488S-GY-PG1 Datasheet
174Kb / 2P
   ONE PIECE SHIELDED SINGLE PORT LED JACK
logo
NEC
PS4601 NEC-PS4601 Datasheet
101Kb / 4P
   ONE PIECE PHOTO INTERRUPTER
logo
Molex Electronics Ltd.
0747370010 MOLEX1-0747370010 Datasheet
35Kb / 1P
   SFP One Piece Cage, EMI Shielding, 3.38mm Solder Post Tails
logo
Vishay Siliconix
157 VISHAY-157 Datasheet
126Kb / 4P
   Rugged one piece metal housing
06-Nov-15
logo
List of Unclassifed Man...
V711 ETC2-V711 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V704 ETC2-V704 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V5744S ETC2-V5744S Datasheet
1Mb / 9P
   One-Piece Steel Surface Raceway
logo
Samtec, Inc
FSI SAMTEC-FSI Datasheet
512Kb / 6P
   1,00 mm One Piece Interface
logo
Lapp.
61721340 LAPP-61721340 Datasheet
72Kb / 1P
   RSK one-piece screen connector
13.03.2019
logo
Samtec, Inc
FSI-110-03-G-D-AD SAMTEC-FSI-110-03-G-D-AD Datasheet
1Mb / 2P
   LOW PROFILE & ELEVATED ONE PIECE
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com