전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2066FJ-LBE2 데이터시트(PDF) 11 Page - Rohm

부품명 BD2066FJ-LBE2
상세설명  2ch High Side Switch ICs for USB Devices and Memory Cards
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2066FJ-LBE2 데이터시트(HTML) 11 Page - Rohm

Back Button BD2066FJ-LBE2 Datasheet HTML 7Page - Rohm BD2066FJ-LBE2 Datasheet HTML 8Page - Rohm BD2066FJ-LBE2 Datasheet HTML 9Page - Rohm BD2066FJ-LBE2 Datasheet HTML 10Page - Rohm BD2066FJ-LBE2 Datasheet HTML 11Page - Rohm BD2066FJ-LBE2 Datasheet HTML 12Page - Rohm BD2066FJ-LBE2 Datasheet HTML 13Page - Rohm BD2066FJ-LBE2 Datasheet HTML 14Page - Rohm BD2066FJ-LBE2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11/22
BD2062FJ-LB BD2066FJ-LB
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300360-1-2
21.Feb.2014 Rev.002
Typical Performance Curves - continued
Figure 24. Output turn-off time
0
2
4
6
8
10
23
4
56
SUPPLY VOLTAGE: VIN (V)
TA=25℃
Figure 25. Output turn-off time
0
2
4
6
8
10
-50
0
50
100
AMBIENT TEMPERATURE: T
A (℃)
VIN=5V
Figure 26. /OC delay time
0
5
10
15
20
23
4
56
SUPPLY VOLTAGE: VIN (V)
TA=25℃
Figure 27. /OC delay time
0
5
10
15
20
-50
0
50
100
AMBIENT TEMPERATURE: TA (℃)
VIN=5V


유사한 부품 번호 - BD2066FJ-LBE2

제조업체부품명데이터시트상세설명
logo
Rohm
BD2066FJ-E2 ROHM-BD2066FJ-E2 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
More results

유사한 설명 - BD2066FJ-LBE2

제조업체부품명데이터시트상세설명
logo
Rohm
BD2062FJ ROHM-BD2062FJ_11 Datasheet
331Kb / 17P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2046AFJ ROHM-BD2046AFJ_11 Datasheet
394Kb / 14P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD6512F ROHM-BD6512F_11 Datasheet
413Kb / 21P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82061FVJ ROHM-BD82061FVJ_11 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2045AFJ ROHM-BD2045AFJ_11 Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com