전자부품 데이터시트 검색엔진 |
|
CAT24WC09JI-1.8TE13 데이터시트(PDF) 4 Page - Catalyst Semiconductor |
|
CAT24WC09JI-1.8TE13 데이터시트(HTML) 4 Page - Catalyst Semiconductor |
4 / 8 page CAT24WC03/05/09/17 4 Doc. No. 25063-00 2/98 S-1 Preliminary FUNCTIONAL DESCRIPTION The CAT24WC03/05/09/17 supports the I2C Bus data transmission protocol. This Inter-Integrated Circuit Bus protocol defines any device that sends data to the bus to be a transmitter and any device receiving data to be a receiver. Data transfer is controlled by the Master device which generates the serial clock and all START and STOP conditions for bus access. The CAT24WC03/05/ 09/17 operates as a Slave device. Both the Master and Slave devices can operate as either transmitter or re- ceiver, but the Master device controls which mode is activated. A maximum of 8 devices (24WC03), 4 devices (24WC05), 2 devices (24WC09) and 1 device (24WC17) may be connected to the bus as determined by the device address inputs A0, A1, and A2. PIN DESCRIPTIONS SCL: Serial Clock The CAT24WC03/05/09/17 serial clock input pin is used to clock all data transfers into or out of the device. This is an input pin. SDA: Serial Data/Address The CAT24WC03/05/09/17 bidirectional serial data/ad- dress pin is used to transfer data into and out of the device. The SDA pin is an open drain output and can be wire-ORed with other open drain or open collector outputs. A0, A1, A2: Device Address Inputs These inputs set device address when cascading mul- tiple devices. When these pins are left floating the default values are zeros. A maximum of eight devices can be cascaded when using 24WC03 device. All three address pins are used tWR STOP CONDITION START CONDITION ADDRESS ACK 8TH BIT BYTE n SCL SDA Figure 2. Write Cycle Timing Figure 1. Bus Timing tHIGH SCL SDA IN SDA OUT tLOW tF tLOW tR tBUF tSU:STO tSU:DAT tHD:DAT tHD:STA tSU:STA tAA tDH Figure 3. Start/Stop Timing START BIT SDA STOP BIT SCL 5020 FHD F05 5020 FHD F04 5020 FHD F03 |
유사한 부품 번호 - CAT24WC09JI-1.8TE13 |
|
유사한 설명 - CAT24WC09JI-1.8TE13 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |