전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI-8033JF 데이터시트(PDF) 1 Page - Sanken electric

부품명 SI-8033JF
상세설명  Full-Mold, Separate Excitation Step-down Switching Mode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8033JF 데이터시트(HTML) 1 Page - Sanken electric

  SI-8033JF Datasheet HTML 1Page - Sanken electric SI-8033JF Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
34
ICs
1-1-3 DC/DC Converter ICs
*5: Pin 5 is the ON/OFF pin. Soft start at power on can be performed with a capacitor connected
to this pin.
The output can also be turned ON/OFF with this pin. The output is stopped by setting the
voltage of this pin to VSSL or lower. ON/OFF-pin voltage can be changed with an open-collec-
tor drive circuit of a transistor. When using both the soft-start and ON/OFF functions together,
the discharge current from C3 flows into the ON/OFF control transistor. Therefore, limit the
current securely to protect the transistor if C3 capacitance is large. The ON/OFF pin is pulled
up to the power supply in the IC, so applying the external voltage is prohibited. If this pin is not
used, leave it open.
*1: Reference voltage for SI-8015JF
*3: Temperature Coefficient of Reference Voltage for SI-8015JF
*2: VREF for SI-8015JF
*4: ∆VREF/∆Ta for SI-8015JF
SI-8000JF
SI-8000JF
ON/OFF
5
ON/OFF
5
ON/OFF
C3
C3
5
VOUT. ON/OFF
Soft start
Soft start
+VOUT. ON/OFF
SI-8000JF
■Lineup
Part Number
SI-8015JF
SI-8033JF
SI-8050JF
SI-8120JF
VO (V)*
1.59
3.3
5.0
12.0
IO (A)
1.5
■Absolute Maximum Ratings
Unit
V
W
W
°C
°C
°C/W
Ratings
43
16.6 (with infinite heatsink)
1.5 (without heatsink, standalone operation)
+125
–40 to +125
6.0
Symbol
VIN
PD1
PD2
Tj
Tstg
θj-c
Parameter
DC Input Voltage
Power Dissipation
Junction Temperature
Storage Temperature
Thermal Resistance (Junction to Case)
■Recommended Operating Conditions
Parameter
DC Input Voltage Range
Output Current Range
Operating Junction Temperature Range
Symbol
VIN1
VIN2
IO
Tjop
Unit
V
V
A
°C
Ratings
SI-8015JF*
SI-8033JF
SI-8050JF
SI-8120JF
VO+2 to 40
5.3 to 40
7 to 40
14 to 40
VO+3 to 40
6.3 to 40
8 to 40
15 to 40
0 to 1.5
–30 to +125
■Features
• Compact full-mold package (equivalent to
TO220)
• Output current: 1.5A
• High efficiency: 67 to 88%
• Requires only 4 discrete components
• Internally-adjusted phase correction and
output voltage
• Capable of downsize a choke-coil due to IC's
high switching frequency (125kHz).
(Compared with conventional Sanken devices)
• Built-in foldback-overcurrent and thermal
protection circuits
• Output ON/OFF available (circuit current at
output OFF: 200µA max.)
• Soft start available by ON/OFF pin
* SI-8015JF is a variable output voltage type. The variable output voltage range is from 2.5 V to 24 V.
■Electrical Characteristics
(Ta=25°C)
Conditions
IO=0 to 1A
IO=0 to 1.5A
VIN≥VO+3V
Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000JF Series
■Applications
• Power supplies for telecommunication equipment
• Onboard local power supplies
* VREF(V) for SI-8015JF
Unit
V
%
kHZ
mV
mV
mV/
°C
A
V
µA
mA
µA
Parameter
Output Voltage*1
Efficiency
Oscillation Frequency
Line Regulation
Load Regulation
Overcurrent Protection
Starting Current
ON/OFF*5
Low Level Voltage
Terminal
Outflow Current
at Low Voltage
Quiescent Circuit
Current
Symbol
VO*2
Conditions
η
Conditions
f
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
∆VO/∆Ta*4
IS1
Conditions
VSSL
ISSL
Conditions
Iq
Conditions
Iq(OFF)
Conditions
Ratings
SI-8015JF
SI-8033JF
SI-8050JF
SI-8120JF
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
1.558
1.59
1.622
3.234
3.30
3.366
4.90
5.00
5.10
11.76
12.00
12.24
VIN=12V, IO=0.5A
VIN=15V, IO=0.5A
VIN=20V, IO=0.5A
VIN=24V, IO=0.5A
67
77
82
88
VIN=12V, IO=0.5A
VIN=15V, IO=0.5A
VIN=20V, IO=0.5A
VIN=24V, IO=0.5A
125
125
125
125
VIN=12V, IO=0.5A
VIN=15V, IO=0.5A
VIN=20V, IO=0.5A
VIN=24V, IO=0.5A
25
80
25
80
40
100
60
130
VIN=8 to 30V, IO=0.5A
VIN=8 to 30V, IO=1.0A
VIN=10 to 30V, IO=1.0A
VIN=18 to 30V, IO=1.0A
10
30
10
30
10
40
10
40
VIN=12V, IO=0.2 to 0.8A
VIN=15V, IO=0.5 to1.5A
VIN=20V, IO=0.5 to 1.5A
VIN=24V, IO=0.5 to 1.5A
±0.5
±0.5
±0.5
±1.0
1.6
1.6
1.6
1.6
VIN=12V
VIN=15V
VIN=20V
VIN=24V
0.5
0.5
0.5
0.5
100
100
100
100
VSSL=0V
VSSL=0V
VSSL=0V
VSSL=0V
77
7
7
VIN=12V, IO=0A
VIN=15V, IO=0A
VIN=20V, IO=0A
VIN=24V, IO=0A
200
200
200
200
VIN=12V, VON/OFF=0.3V
VIN=15V, VON/OFF=0.3V
VIN=20V, VON/OFF=0.3V
VIN=24V, VON/OFF=0.3V
Temperature Coefficient of
Output Voltage*3


유사한 부품 번호 - SI-8033JF

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-8033JF SANKEN-SI-8033JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
logo
Allegro MicroSystems
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
More results

유사한 설명 - SI-8033JF

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8090S SANKEN-SI-8090S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000JF SANKEN-SI-8000JF_11 Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050S SANKEN-SI-8050S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120JF SANKEN-SI-8120JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120S SANKEN-SI-8120S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050E SANKEN-SI-8050E Datasheet
49Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000TFE SANKEN-SI-8000TFE_11 Datasheet
78Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8033S SANKEN-SI-8033S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050HFE SANKEN-SI-8050HFE Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com