전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI-8050Y 데이터시트(PDF) 1 Page - Sanken electric

부품명 SI-8050Y
상세설명  Current Mode Control Step-Switching Mode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8050Y 데이터시트(HTML) 1 Page - Sanken electric

  SI-8050Y Datasheet HTML 1Page - Sanken electric SI-8050Y Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
54
ICs
1-1-3 DC/DC Converter ICs
Unit
V
W
W
°C
°C
°C/W
°C/W
Ratings
45
20.8(With infinite heatsink)
1.8(Without heatsink, stand-alone operation)
30 to +150
40 to +150
6
66.7
Symbol
VIN
PD1
PD2
Tj
Tstg
θj-c
θj-a
Parameter
Input Voltage
Power Dissipation
Junction Temperature
Storage Temperature
Thermal Resistance (Junction to Case)
Thermal Resistance (Junction to Ambient Air)
Parameter
Input Voltage Range
Output Voltage Range
Output Current Range
Operating Junction Temperature Range
Operating Temperature Range
Symbol
VIN
Vo
Io
Tjop
Top
Unit
V
V
A
°C
°C
Raings
SI-8010Y
SI-8050Y
8 or VO+3* to 43
8 to 43
1 to 15
5
0 to 8.0
–30 to +135
–30 to +85
Unit
V
mV/°C
%
kHz
mV
mV
A
mA
µA
µA
V
V/V
µA/V
V/A
%
nsec
Parameter
Output Voltage
(Reference voltage for SI-8010Y)
Temperature Coefficient of Output Voltage
(Reference voltage temperature coefficient for SI-8010Y)
Efficiency
Oscillation Frequency
Line Regulation
Load Regulation
Overcurrent Protection Starting Current
Quiescent Circuit Current
EN/SS Pin*
Error Amplifier Voltage Gain
Error Amplifier Transformer Conductance
Current Sense Amplifier Impedance
Maximum ON Duty
Minimum ON Time
Symbol
VO(VREF)
Conditions
∆VO/∆T(∆VREF/∆T)
Conditions
η
Conditions
fo
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
Is
Conditions
Iq
Conditions
Iq(OFF)
Conditions
ISSL
Conditions
VSSL
Conditions
AEA
GEA
1/GCS
DMAX
DMIN
Ratings
SI-8010Y*
SI-8050Y
mIN.
typ.
max.
mIN.
typ.
max.
0.98
1.00
1.02
4.90
5.00
5.10
VIN=30V, Io=0.1A
VIN=30V, Io=0.1A
±0.1
±0.5
VIN=30V, Io=0.1A, Ta=0 to 100°CVIN=30V, Io=0.1A, Ta=0 to 100°C
86
86
VIN=30V, Io=3A
VIN=30V, Io=3A
130
130
VIN=30V, Io=3A
VIN=30V, Io=3A
30
90
30
90
VIN=10 to 43V, Io=3A
VIN=10 to 43V, Io=3A
30
90
30
90
VIN=30V, Io=0.1 to 8A
VIN=30V, Io=0.1 to 8A
8.1
8.1
VIN=20V
VIN=20V
88
VIN=30V, Io=0A, EN/SS=open
VIN=30V, Io=0A, EN/SS=open
200
500
200
500
VIN=30V, EN/SS=0V
VIN=30V, EN/SS=0V
10
30
10
30
VIN=30V, EN/SS=0V
VIN=30V, EN/SS=0V
0.5
0.5
VIN=30V
VIN=30V
300
300
800
800
0.16
0.16
92
92
200
200
SI-8000Y
SS
5SS
C6
C6
5
SI-8000Y
Soft start
Soft start
+VOUT. ON/OFF
Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000Y Series
■Features
• Compact (equivalent to TO220) full-mold
package
• Output current: 8.0 A
• High efficiency: 86%
• Built-in reference oscillator (130 kHz)
• Built-in drooping-type-overcurrent protection
and thermal protection circuits
• Built-in soft start circuit (Output ON/OFF
available)
•Low current consumption during off
■Absolute Maximum Ratings
■Recommended Operating Conditions
■Electrical Characteristics
■Applications
•AV equipment
•OA equipment
• Gaming equipment
• Onboard local power supplies
Current Mode Control Step-down Switching Mode
Outflow Current at
Low Voltage
Low Level Voltage
*:R1=8kΩ, R2=2kΩ when Ta=25°C and Vo=5V
*: The minimum value of the input voltage range is 8 V or Vo + 3V, whichever is higher.


유사한 부품 번호 - SI-8050Y

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-8050Y SANKEN-SI-8050Y Datasheet
92Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
More results

유사한 설명 - SI-8050Y

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-8100QL SANKEN-SI-8100QL_11 Datasheet
79Kb / 2P
   Current Mode Control Step-down Switching Mode
SI-8105QL SANKEN-SI-8105QL Datasheet
56Kb / 2P
   Current Mode Control Step-down Switching Mode
SI-8000Y SANKEN-SI-8000Y Datasheet
59Kb / 2P
   Current Mode Control Step-down Switching Mode Regulator ICs
SI-8005Q SANKEN-SI-8005Q Datasheet
526Kb / 2P
   Surface Mount, Current Mode Control Step-down Switching Mode
NR887D SANKEN-NR887D Datasheet
58Kb / 2P
   Current Mode Control, Synchronous Rectifier Step-down Switching Mode
SI-8100QL SANKEN-SI-8100QL Datasheet
436Kb / 2P
   Current Mode Control Step-down Switching Mode Regulator ICs
SI-8005Q SANKEN-SI-8005Q Datasheet
1Mb / 2P
   Step-Down Switching Regulator with Current-Mode Control
NR885K SANKEN-NR885K Datasheet
61Kb / 2P
   Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
SI-8205NHD SANKEN-SI-8205NHD Datasheet
64Kb / 2P
   Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
NR885K SANKEN-NR885K Datasheet
61Kb / 2P
   Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com