전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA801M 데이터시트(PDF) 6 Page - Sanken electric

부품명 STA801M
상세설명  2-Output Separate Excitation Step-down Switching Mode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA801M 데이터시트(HTML) 6 Page - Sanken electric

  STA801M Datasheet HTML 1Page - Sanken electric STA801M Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 2 page
background image
113
sTypical Characteristics
PD Characteristics(Ch1:5V)
Overcurrent Protection Characteristics(Ch1:5V)
Rise Characteristics(Ch2:9V)
Efficiency Characteristics(Ch2:9V)
PD Characteristics(Ch2:9V)
Temperature Characteristics(Ch1:5V, Ch2:9V)
STA801M
Load Regulation(Ch1:9V)
PD Characteristics(Ch1:9V)
PD Characteristics(Ch2:15.7V)
6
4
2
0
0
5
10
15
20
Input Voltage VIN (V)
0.3A
5.1
5.0
4.9
0
0
0.1
0.2
0.3
0.4
0.5
Output Current IO (A)
VIN=40V
20V
10V
7V
100
80
60
40
0
0
0.1
0.2
0.3
0.4
0.5
Output Current IO (A)
0.8
0.6
0.4
0.2
0
0
0.1
0.2
0.3
0.4
0.5
Output Current IO (A)
30V
7V
VIN
=40V
20V
6
4
2
0
0
0.2
0.4
0.6
0.8
1.0
Output Current IO (A)
100
80
60
40
0
0
0.1
0.2
0.3
0.4
0.5
Output Current IO (A)
20V
V
IN
=11V
0.8
0.6
0.4
0.2
0
0
0.1
0.2
0.3
0.4
0.5
Output Current IO (A)
30V
11V
VIN
=40V
20V
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
0.1
0.2
0.3
0.4
0.5
Output Current IO (A)
20V
30V
V
IN
=40V
17.7V
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
0.1
0.2
0.3
0.4
0.5
Output Current IO (A)
30V
20V
11V
VIN
=40V
9.1
9.0
8.9
0
0
0.1
0.2
0.3
0.4
0.5
Output Current IO (A)
VIN=40V
30V
20V
11V
160
140
120
100
80
0
5.6
5.4
5.2
5.0
4.8
0
9.6
9.4
9.2
9.0
8.8
0
–40
–20
0
20
40
60
80
100
120
f
Ambient Temperature Ta (
°C)
(VIN=20V, IO=0.3A) ch1 ch2
VO ch2
9V
VO ch1 5V
η ch2 9V
η ch1 5V
STA802M
Rise Characteristics(Ch1:5V)
Load Regulation(Ch1:5V)
Efficiency Characteristics(Ch1:5V)
(Ta=25
°C)
qSTA801M/802M
12
8
4
0
0
5
10
15
20
Input Voltage VIN (V)
0.3A


유사한 부품 번호 - STA801M

제조업체부품명데이터시트상세설명
logo
Sanken electric
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
   2-Output Separate Excitation Switching Type
More results

유사한 설명 - STA801M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-8000GL SANKEN-SI-8000GL_11 Datasheet
73Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode
SI-8010GL SANKEN-SI-8010GL Datasheet
52Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode
SI-8000HD SANKEN-SI-8000HD Datasheet
55Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050W SANKEN-SI-8050W Datasheet
47Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8120JD SANKEN-SI-8120JD Datasheet
59Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8008TM SANKEN-SI-8008TM Datasheet
51Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8001FDL SANKEN-SI-8001FDL Datasheet
69Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
SI-8501L SANKEN-SI-8501L Datasheet
61Kb / 2P
   Separate Excitation Step-down Switching Mode with Coil
SI-8033SD SANKEN-SI-8033SD Datasheet
55Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com