전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24C081P-28TE13 데이터시트(PDF) 5 Page - Catalyst Semiconductor

부품명 CAT24C081P-28TE13
상세설명  Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C081P-28TE13 데이터시트(HTML) 5 Page - Catalyst Semiconductor

  CAT24C081P-28TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C081P-28TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C081P-28TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C081P-28TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C081P-28TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C081P-28TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C081P-28TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C081P-28TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C081P-28TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CAT24CXX1/XX2
5
Advanced
Doc. No. 25079-00 1/98 M-1
PIN DESCRIPTIONS
WP: WRITE PROTECT
If the pin is tied to VCC the entire memory array becomes
Write Protected (READ only). When the pin is tied to VSS
or left floating normal read/write operations are allowed
to the device.
SCL: SERIAL CLOCK
The serial clock input clocks all data transferred into or
out of the device.
RESET/
RESET
RESET
RESET
RESET
RESET: RESET I/O
These are open drain pins and can be used as reset
trigger inputs. By forcing a reset condition on the pins the
device will initiate and maintain a reset condition for
approximately 200ms. RESET pin must be connected
through a pull-down and
RESET pin must be connected
through a pull-up device.
SDA: SERIAL DATA/ADDRESS
The bidirectional serial data/address pin is used to
transfer all data into and out of the device. The SDA pin
is an open drain output and can be wire-ORed with other
open drain or open collector outputs. In the 24CXX1, the
SDA line is also used as the Watchdog Timer Monitor.
Reset Controller Description
The CAT24CXXX provides a precision RESET control-
ler that ensures correct system operation during brown-
out and power-up/down conditions. It is configured
with open drain RESET outputs. During power-up, the
RESET outputs remain active until VCC reaches the
VTH threshold and will continue driving the outputs for
approximately 200ms (tPURST) after reaching VTH. After
the tPURST timeout interval, the device will cease to drive
reset outputs. At this point the reset outputs will be
pulled up or down by their respective pull up/pull down
devices. During power-down, the RESET outputs will
begin driving active when VCC falls below VTH. The
RESET outputs will be valid so long as VCC is >1.0V
(VRVALID).
The RESET pins are I/Os; therefore, the CAT24CXXX
can act as a signal conditioning circuit for an externally
applied reset. The inputs are level triggered; that is, the
RESET input in the 24CXXX will initiate a reset timeout
after detecting a high and the
RESET input in the
24CXXX will initiate a reset timeout after detecting a low.
Watchdog Timer
The Watchdog Timer provides an independent protec-
tion for microcontrollers. During a system failure, the
CAT24CXX1 will respond with a reset signal after a time-
out interval of 1.6 seconds for lack of activity. 24CXX1
is designed with the Watchdog Timer feature on the SDA
input. For the 24CXX1, if the microcontroller does not
toggle the SDA input pin within 1.6 seconds the Watch-
dog Timer times out. This will generate a reset condition
on reset outputs. The Watchdog Timer is cleared by any
transition on SDA.
As long as the reset signal is asserted, the Watchdog
Timer will not count and will stay cleared. 24CXX2 does
not feature the Watchdog Timer function.
Figure 1. RESET Output Timing
DEVICE OPERATION
GLITCH
t
VCC
PURST
t
PURST
t
RPD
t
RVALID
V
V
TH
RESET
RESET
RPD
t


유사한 부품 번호 - CAT24C081P-28TE13

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C08 ONSEMI-CAT24C08 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C08 ONSEMI-CAT24C08 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C08 ONSEMI-CAT24C08 Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
February, 2013 ??Rev. 26
More results

유사한 설명 - CAT24C081P-28TE13

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com