전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU2JTH5WNVX-TL 데이터시트(PDF) 3 Page - Rohm

부품명 BU2JTH5WNVX-TL
상세설명  High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU2JTH5WNVX-TL 데이터시트(HTML) 3 Page - Rohm

  BU2JTH5WNVX-TL Datasheet HTML 1Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 2Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 3Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 4Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 5Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 6Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 7Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 8Page - Rohm BU2JTH5WNVX-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/10
07.Jan.2014.Rev.001
BU2JTH5WNVX
Datasheet
TSZ02201-0RBR0A300190-1-2
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
RECOMMENDED OPERATING RANGE (not to exceed Pd)
PARAMETER
Symbol
Limit
Unit
Power Supply Voltage
VIN
1.7 to 5.0
V
Maximum Output Current
IMAX
500
mA
OPERATING CONDITIONS
PARAMETER
Symbol
MIN.
TYP.
MAX.
Unit
CONDITION
Input Capacitor
Cin
1.0
(Note2)
-
-
μF
Ceramic capacitor recommended
Output Capacitor
Co
1.0
(Note2)
-
-
μF
(Note2) Make sure that the output capacitor value is not kept lower than this specified level across a variety of temperature, DC bias, changing as time
progresses characteristic.
Electrical Characteristics
(Ta=25°C, VIN=4.3V, CIN=1.0μF, Co=1.0μF, unless otherwise noted.)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Input Voltage
VIN
1.7
-
5.0
V
Output Voltage
VOUT
VOUT
×0.99
VOUT
VOUT
×1.01
V
IOUT=10µA
Line Regulation
⊿VOUT-line
-
-
20
mV
From (VOUT+0.3V) to 5.0V, IOUT=10mA
Load Regulation
⊿VOUT-load
-
21
40
mV
IOUT=5mA to 250mA
Voltage Dropout
⊿Vdrop-out
-
160
250
mV
IOUT=250mA
Load Current
Iload
500
-
-
mA
No Load Quiescent Current
Icq
-
10
20
µA
IOUT=0mA
Power Supply
Rejection Ratio
RR1
-
82
-
dB
fRR=100Hz
RR2
-
80
-
dB
fRR=1kHz
Output Noise Voltage
Noise
-
40
-
nV√Hz
@10KHz
Operating Temperature range
Topr
-20
-
85
°C
Discharge Resistor
RDSC
20
50
80
CE Pin Pull-down Current
ISTB
0.1
0.9
8.0
uA
CE Pin Control Voltage
ON
VCEH
1.2
-
5.0
V
OFF
VCEL
-0.3
-
0.3
V
Block Diagrams
Figure 2. Block Diagrams
CIN・・・1.0
μF (Ceramic capacitor)
Co ・・・1.0
μF (Ceramic capacitor)
CIN
VIN
GND
CE
VOUT
VOUT
Co
VREF
OCP
VIN
CE


유사한 부품 번호 - BU2JTH5WNVX-TL

제조업체부품명데이터시트상세설명
logo
Rohm
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
More results

유사한 설명 - BU2JTH5WNVX-TL

제조업체부품명데이터시트상세설명
logo
Rohm
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com