전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMI16-1-115 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 KMI16-1-115
상세설명  Integrated rotational speed sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

KMI16-1-115 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  KMI16-1-115 Datasheet HTML 1Page - List of Unclassifed Manufacturers KMI16-1-115 Datasheet HTML 2Page - List of Unclassifed Manufacturers KMI16-1-115 Datasheet HTML 3Page - List of Unclassifed Manufacturers KMI16-1-115 Datasheet HTML 4Page - List of Unclassifed Manufacturers KMI16-1-115 Datasheet HTML 5Page - List of Unclassifed Manufacturers KMI16-1-115 Datasheet HTML 6Page - List of Unclassifed Manufacturers KMI16-1-115 Datasheet HTML 7Page - List of Unclassifed Manufacturers KMI16-1-115 Datasheet HTML 8Page - List of Unclassifed Manufacturers KMI16-1-115 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2000 Sep 05
3
Philips Semiconductors
Product specification
Integrated rotational speed sensor
KMI16/1
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134)
CHARACTERISTICS
Tamb =25 °C; VCC = 5 V; d = 1.9 mm; ft = 2 kHz; test circuit see Fig.5; gear wheel: module 2.08 mm; material
9SMnPb28k; see Fig.6; centred sensor position; see notes 1, 2 and 3; unless otherwise specified.
Notes
1. High rotational wheel speeds reduce the maximum sensing distance because of eddy currents, depending on target
wheel dimensions and materials used.
2. Output pins are designed for electrostatic sensitivity for more than 2000 V according to Human Body Model (HBM);
MIL-STD-883; method 3015.
3. EMC behaviour depends greatly on design of application circuit.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
DC operating supply voltage
Tamb = −40 to +150 °C
4.5
16
V
voltage pin 1
Tamb = −40 to +150 °C; no wrong polarity
protection
−0.5
+16
V
Vout
OC output voltage
Tamb = −40 to +150 °C; no wrong polarity
protection; see Fig.5
−0.5
+16
V
Vout(max)
peak OC output voltage
Tamb = −40 to +40 °C; no wrong polarity
protection; see Fig.5
−0.5
+26.5
V
Iout(max)
OC output current
Tamb = −40 to +150 °C
20
mA
Iout(off)
OC output leakage current
Tamb = −40 to +150 °C
100
µA
Ptot
total power dissipation
Tamb = −40 to +150 °C
200
mW
Tsld
soldering temperature
t
≤ 10 s
260
°C
Tstg
storage temperature
−65
+150
°C
Tamb
ambient operating temperature
−40
+150
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICC
supply current (pin 1)
Tamb = −40 to +150 °C
4
10
14
mA
Vout (high)
OC output voltage high
OC = off state; Tamb = −40 to +150 °C 4.7
4.9
V
VCE sat
OC saturation voltage
OC = on state; Iout =20mA
0.4
1
V
tr
output signal rise time
10% to 90%
5
12
20
µs
tf
output signal fall time
10% to 90%
0.1
0.4
10
µs
δ
duty cycle
Tamb = −40 to +150 °C
305070%
dmin
minimum sensing distance
Tamb = −40 to +150 °C
0.3
0.5
mm
dmax
maximum sensing distance Tamb = −40 to +150 °C
2.4
2.9
mm


유사한 부품 번호 - KMI16-1-115

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
KMI16-1 PHILIPS-KMI16-1 Datasheet
106Kb / 12P
   Integrated rotational speed sensor
2000 Sep 05
More results

유사한 설명 - KMI16-1-115

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
KMI15-1 PHILIPS-KMI15-1 Datasheet
160Kb / 16P
   Integrated rotational speed sensor
1996 Dec 05
KMI16 PHILIPS-KMI16 Datasheet
106Kb / 12P
   Integrated rotational speed sensor
2000 Sep 05
KMI16 NXP-KMI16 Datasheet
109Kb / 12P
   Integrated rotational speed sensor
2000 Sep 05
KMI15 PHILIPS-KMI15 Datasheet
116Kb / 16P
   Rotational speed sensor
2000 Sep 05
KMI17 NXP-KMI17 Datasheet
228Kb / 16P
   Rotational speed sensor
Rev. 1-1 September 2014
logo
MultiDimension Technolo...
FSD-TMR1005 MULTIDIMENSION-FSD-TMR1005 Datasheet
415Kb / 4P
   Rotational Speed Sensor
Nov-19
logo
NXP Semiconductors
KMI23 NXP-KMI23_2 Datasheet
293Kb / 20P
   High performance rotational speed sensor
Rev. 1-28 April 2016
KMI23 NXP-KMI23 Datasheet
293Kb / 20P
   High performance rotational speed sensor
Rev. 1-28 April 2016
logo
MultiDimension Technolo...
FSD-TMR1006 MULTIDIMENSION-FSD-TMR1006 Datasheet
418Kb / 4P
   Temperature Detection Rotational Speed Sensor
Nov-19
logo
NXP Semiconductors
KMI25 NXP-KMI25_2 Datasheet
352Kb / 26P
   High performance rotational speed sensor
Rev. 1-29 April 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com