전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KSR213GLFG 데이터시트(PDF) 1 Page - C&K Components

부품명 KSR213GLFG
상세설명  Subminiature Tact Switch for SMT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CK-COMPONENTS [C&K Components]
홈페이지  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSR213GLFG 데이터시트(HTML) 1 Page - C&K Components

  KSR213GLFG Datasheet HTML 1Page - C&K Components KSR213GLFG Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B–17
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
9 aug 12
Operating force
Operating life
Travel
Type
Newtons (grams)
(operations)
KSR211/213
1,5 <Fa< 2,2
100,000
0,25 ± 0,15
KSR221/223
1,9 <Fa< 2,6
100,000
0,3 ± 0,15
KSR231/233
2,25 <Fa< 3,75
100,000
0,35 ± 0,15
KSR251/253
3,37 <Fa< 5,6
100,000
0,5 ± 0,15
KSR223GNC
1,5 <Fa< 2,5
30,000
0,3 ± 0,15
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local representative.
Actuator
2 Soft actuator
K
S
R
Operating Force
1 1.8 N (180 grams)
2 2.0 N (200 grams)
3 3.0 N (300 grams)
5 4.5 N (450 grams)
Contact Material
1 Silver
3 Gold
Termination
G Gull wing
Switch Function
(NONE) Normally open
NC Normally closed*
*Available on KSR223G only.
Overload: 20 Newtons
Detect switch versions are available. Please see Detect chapter
KSR2D/M series.
LFS RoHS compliant and compatible. Silver plated.
LFG RoHS compliant and compatible. Gold plated.
KSR Series
Subminiature Tact Switch for SMT
Features/Benefits
Saves PCB space
Range of 4 actuation forces
G terminations
N.O.
Detect type available
Rubber actuator
IP 50 sealed
RoHS compliant and compatible
Typical Applications
Automotive
Cellular phones & accessories
Industrial electronics
Computers & network equipment
Mechanical
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: Normally Open
TERMINALS: Gullwing type for SMT
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT DC:
50 mA
10 mA
MINIMUM CURRENT DC:
1 mA
1 mA
CONTACT RESISTANCE:
≤ 100 mΩ
INSULATION RESISTANCE: (100 V): 1G
Ω (between terminals)
BOUNCE TIME: 1 ms max.
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
SOLDERING: Compatible with lead free reflow soldering process.
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Packaging
Switches are delivered on continuous tape, in reels of 2,500 pieces.


유사한 부품 번호 - KSR213GLFG

제조업체부품명데이터시트상세설명
logo
ITT Industries
KSR213G ITT-KSR213G Datasheet
68Kb / 3P
   Subminiature Tact Switch for SMT
KSR213GNC ITT-KSR213GNC Datasheet
68Kb / 3P
   Subminiature Tact Switch for SMT
More results

유사한 설명 - KSR213GLFG

제조업체부품명데이터시트상세설명
logo
C&K Components
KSR212GLFS CK-COMPONENTS-KSR212GLFS Datasheet
158Kb / 2P
   Subminiature Tact Switch for SMT
KSR253GLFG CK-COMPONENTS-KSR253GLFG Datasheet
357Kb / 2P
   Subminiature Tact Switch for SMT
KSR211GLFS CK-COMPONENTS-KSR211GLFS Datasheet
357Kb / 2P
   Subminiature Tact Switch for SMT
logo
ITT Industries
KSR ITT-KSR Datasheet
68Kb / 3P
   Subminiature Tact Switch for SMT
logo
C&K Components
KSR CK-COMPONENTS-KSR_V01 Datasheet
228Kb / 4P
   Subminiature Tact Switch for SMT
23 Jun 21
KSR CK-COMPONENTS-KSR Datasheet
219Kb / 2P
   Subminiature Tact Switch for SMT
logo
ITT Industries
KSS ITT-KSS Datasheet
82Kb / 3P
   Subminiature Side Actuated Tact Switch for SMT
logo
Analog Devices
KSR223GLFG AD-KSR223GLFG Datasheet
357Kb / 2P
   KSR Series Subminiature Tact Switch for SMT
logo
E-SWITCH
TL3340 E-SWITCH-TL3340 Datasheet
186Kb / 1P
   TACT SWITCHES SMT - SUBMINIATURE
logo
C&K Components
KSC241JLFS CK-COMPONENTS-KSC241JLFS Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com