전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL18P003D15 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 SL18P003D15
상세설명  UL508,CSA C22.2 No14?멥겗?⒴릦?ャ겇?꾠겍 According to UL508 standard and CSA C22.2 No.14 standard
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SL18P003D15 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  SL18P003D15 Datasheet HTML 1Page - List of Unclassifed Manufacturers SL18P003D15 Datasheet HTML 2Page - List of Unclassifed Manufacturers SL18P003D15 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UL,CSA(CAUTION) 3/3
2 1209
UL508,CSAC22.2No14への適合について
According to UL508 standard and CSA C22.2 No.14 standard
電流センサ関連 CURRENT SENSORS
CAUTION
Series
Model
CAUTION
F01P
F01P***S05
The maximum temperature at top of Case shall not be higher than 110°C and
busbar shall not be higher than 108°C in the end-use product.
F02P
F02P***S05
F03P
F03P***S05
L07P
L07P***D15
L07P***S05
-
L18P
L18P***D15
L18P***D15C
L18P***D15-OP
L18P***S05
L18P***S05R
L18P***S12
SL18P***D15
-
L31S
L31S***S05S
-
L34S
L34S***D15
Do not wrap the primary conductor around the core part of the product for
preventing to reduce the required Spacings.
S21S
S21S180D15JN
Do not wrap the primary conductor around the core part of the product to
increase measured current.
S22P
S22P***S05
S22P***S05M2
-
S23P
S23P50/100D15
S23P50/100D15M1
S23P50/100D15M2
Provide two min. 100 by 85 mm, 0.5mm thick cupper conductorcum heat
sink as primary conductor of each side for safe usage. The primary coductor
temperature and PCB should not exceed 100˚C.
S25P
S25P***D15*
Do not wrap the primary conductor around the core part of the product to
increase measured current.
S26P
S26P200D15Y
Do not wrap the primary conductor around the core part of the product to
increase measured current.
S27S
S27S300D15Y
S27S300D15YM
-
S28S
S28S500D24Z
S28S500D24ZM
-


유사한 부품 번호 - SL18P003D15

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
SL18 BILIN-SL18 Datasheet
115Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
SL18 CHENDA-SL18 Datasheet
194Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
AMETHERM Circuit Protec...
SL180R712 AMETHERM-SL180R712 Datasheet
158Kb / 1P
   Inside Kinked Leads Outside Kinked Leads
SL1810005 AMETHERM-SL1810005 Datasheet
173Kb / 1P
   Circuit Protection Thermistors
SL1810005 AMETHERM-SL1810005 Datasheet
29Kb / 2P
   Erin Landis
More results

유사한 설명 - SL18P003D15

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SMD1210 ETC1-SMD1210 Datasheet
85Kb / 2P
   UL 1434 1st Edition CSA C22.2 No. 0 CSA TIL No. CA-3A
logo
Altech corporation
2DU1 ALTECH-2DU1 Datasheet
1Mb / 19P
   Typical UL508 Application
UL1077 ALTECH-UL1077 Datasheet
411Kb / 10P
   UL508 Listed Busbars
logo
List of Unclassifed Man...
DF11-2428SCFA ETC2-DF11-2428SCFA Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
DF11-30DS-2DSA06 HIROSE-DF11-30DS-2DSA06 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-4DS-2R26 HIROSE-DF11-4DS-2R26 Datasheet
444Kb / 12P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11 HIROSE-DF11 Datasheet
551Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-4DS-2R26 HIROSE-DF11-4DS-2R26_1 Datasheet
450Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-8DP-2DS52 HIROSE-DF11-8DP-2DS52 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-16DP-2DSA01 HIROSE-DF11-16DP-2DSA01 Datasheet
547Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com