전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU21079F-E2 데이터시트(PDF) 10 Page - Rohm

부품명 BU21079F-E2
상세설명  Capacitive Switch Controller ICs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU21079F-E2 데이터시트(HTML) 10 Page - Rohm

Back Button BU21079F-E2 Datasheet HTML 6Page - Rohm BU21079F-E2 Datasheet HTML 7Page - Rohm BU21079F-E2 Datasheet HTML 8Page - Rohm BU21079F-E2 Datasheet HTML 9Page - Rohm BU21079F-E2 Datasheet HTML 10Page - Rohm BU21079F-E2 Datasheet HTML 11Page - Rohm BU21079F-E2 Datasheet HTML 12Page - Rohm BU21079F-E2 Datasheet HTML 13Page - Rohm BU21079F-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10/34
Datasheet
Datasheet
BU21079F
TSZ02201-0Y1Y0FZ00150-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
2013.09.25 Rev.001
www.rohm.com
TSZ22111・15・001
【0x17 : Detection slider Off】
Name:
DETECT_SLIDER_OFF
Address:
0x17
Description:
It is set when IC detects that the slider is in the off state. It is necessary to clear this flag to detect. The
corresponding clear register is 0xF5 [7].
1 : Detect Off. 0 : No detect.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x17
SLIDER_OFF
-
-
-
-
-
-
-
R/W
R
R
R
R
R
R
R
R
Initial val.
0
0
0
0
0
0
0
0
【0x19, 0x1B : Detection continued touch】
Name:
DETECT_CONT
Address:
0x19, 0x1B
Description:
This register indicates the detection of continued touch for every switch.
Since SW 0-7 supports multiple presses, each switch has bit recognition. And the matrix key does not
support multiple detection, so matrix switch is indicated by 1 bit for ON detection (MAT) and 4 bits(KEY
switch). Logical OR of each SW and MAT will be CONTDET interrupt source register.
1 : Detect continued touch. 0 : No detect.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x19
SW7_CONT
SW6_CONT
SW5_CONT
SW4_CONT
SW3_CONT
SW2_CONT
SW1_CONT
SW0_CONT
0x1B
MAT_CONT
-
-
-
KEY_CONT[3]
KEY_CONT[2]
KEY_CONT[1]
KEY_CONT[0]
R/W
R
R
R
R
R
R
R
R
Initial val.
0
0
0
0
0
0
0
0
【0x1C : State of IC】
Name:
STATE
Address:
0x1C
Description:
This register indicates the state of IC.
CALIB : Indicates whether the IC is in calibration or not.
1: In calibration 0: Not in calibration
INTVL : Indicates whether the IC is in Intermittent Operation or not.
1: Intermittent Operation 0: Not in Intermittent Operation
E_CALIB : When the calibration fails for three consecutive times, it is set.
1: Calibration Error 0: No Error
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x1C
E_CALIB
-
-
-
-
-
INTVL
CALIB
R/W
R
-
-
-
-
-
R
R
Initial val.
0
-
-
-
-
-
0
0
【0x1E : Read register for operation check of MPU】
Name:
RACT
Address:
0x1E
Description:
This register is a read register for operational check of the IC. The value written to the write register for
operation check (Address is 0xFE) is copied to this register. If the write value and the read value is equal,
MPU and I/F are operating normally.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x1E
RACT[7]
RACT[6]
RACT[5]
RACT[4]
RACT[3]
RACT[2]
RACT[1]
RACT[0]
R/W
R
R
R
R
R
R
R
R
Initial val.
0
0
0
0
0
0
0
0


유사한 부품 번호 - BU21079F-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21072MUV-E2 ROHM-BU21072MUV-E2 Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV-E2 ROHM-BU21072MUV-E2 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
More results

유사한 설명 - BU21079F-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
logo
Omron Electronics LLC
B6TS-04LT OMRON-B6TS-04LT Datasheet
210Kb / 6P
   Capacitive Touch Sensing ICs
logo
Sciosense B.V.
PCAP02 SCIOSENSE-PCAP02 Datasheet
316Kb / 3P
   ICs for Capacitive Sensing Applications
logo
Schurter Inc.
CPS SCHURTER-CPS Datasheet
809Kb / 8P
   Capacitive switch
CPS SCHURTER-CPS_V02 Datasheet
747Kb / 7P
   Capacitive switch
05.01.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com