전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SAR542F3 데이터시트(PDF) 2 Page - Rohm

부품명 2SAR542F3
상세설명  PNP -3.0A -30V Middle Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SAR542F3 데이터시트(HTML) 2 Page - Rohm

  2SAR542F3 Datasheet HTML 1Page - Rohm 2SAR542F3 Datasheet HTML 2Page - Rohm 2SAR542F3 Datasheet HTML 3Page - Rohm 2SAR542F3 Datasheet HTML 4Page - Rohm 2SAR542F3 Datasheet HTML 5Page - Rohm 2SAR542F3 Datasheet HTML 6Page - Rohm 2SAR542F3 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SAR542F3
 
   
   
   
  
   
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Collector-base voltage
VCBO
-30
V
Collector-emitter voltage
VCEO
-30
V
Emitter-base voltage
VEBO
-6
V
Collector current
IC
-3
A
ICP*1
-6
A
Base current
IB
-500
mA
Power dissipation
PD*2
1.0
W
PD*3
2.1
W
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Collector-base breakdown
voltage
BVCBO
IC = -100μA
-30
-
-
V
Collector-emitter breakdown
voltage
BVCEO
IC = -1mA
-30
-
-
V
Emitter-base breakdown voltage
BVEBO
IE = -100μA
-6
-
-
V
Collector cut-off current
ICBO
VCB = -30V
-
-
-100
nA
Emitter cut-off current
IEBO
VEB = -4V
-
-
-100
nA
Collector-emitter saturation voltage
VCE(sat)
IC = -1A, IB = -50mA
-
-90
-200
mV
DC current gain
hFE
VCE = -2V, IC = -500mA
200
-
500
-
Transition frequency
fT
VCE = -10V, IE = 100mA,
f = 100MHz
-
240
-
MHz
Output capacitance
Cob
VCB = -10V, IE = 0mA,
f = 1MHz
-
40
-
pF
Turn-On time
ton*4
IC = -2.5A, VCC = -10V
-
45
-
ns
Storage time
tstg*4
IB1 = -250mA
-
200
-
ns
Fall time
tf*4
IB2 = 250mA
-
25
-
ns
*1 Pw=1ms 1PULSE
*2 Mounted on FR4 board(25.4×25.4×1.6mm, Cu PAD645mm2).
*3 Pw=10ms
  Mounted on FR4 board(25.4×25.4×1.6mm, Cu PAD645mm2).
*4 SEE SWITCHING TIME TEST CIRCUIT
                                            
 
                                        
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
2/6
20140128 - Rev.001


유사한 부품 번호 - 2SAR542F3

제조업체부품명데이터시트상세설명
logo
Rohm
2SAR542F3 ROHM-2SAR542F3 Datasheet
1Mb / 10P
   PNP -3.0A -30V Middle Power Transistor
More results

유사한 설명 - 2SAR542F3

제조업체부품명데이터시트상세설명
logo
Rohm
2SAR542F3 ROHM-2SAR542F3 Datasheet
1Mb / 10P
   PNP -3.0A -30V Middle Power Transistor
2SCR542F3 ROHM-2SCR542F3 Datasheet
1Mb / 8P
   NPN 3.0A 30V Middle Power Transistor
2SAR533P ROHM-2SAR533P_13 Datasheet
380Kb / 8P
   PNP -3.0A -50V Middle Power Transistor
2SAR573D ROHM-2SAR573D Datasheet
809Kb / 7P
   PNP -3.0A -50V Middle Power Transistor
2SAR533P ROHM-2SAR533P_14 Datasheet
828Kb / 8P
   PNP -3.0A -50V Middle Power Transistor
2SAR512R ROHM-2SAR512R Datasheet
1Mb / 10P
   PNP -2.0A -30V Middle Power Transistor
2SAR512RHZG ROHM-2SAR512RHZG Datasheet
1Mb / 9P
   PNP -2.0A -30V Middle Power Transistor
20190325 - Rev.001
2SAR293P ROHM-2SAR293P_13 Datasheet
428Kb / 8P
   PNP -1.0A -30V Middle Power Transistor
2SAR562F3 ROHM-2SAR562F3 Datasheet
365Kb / 8P
   PNP -6A -30V Middle Power Transistor
2SAR542P ROHM-2SAR542P Datasheet
769Kb / 8P
   PNP -5.0A -30V Middle Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com