전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6571BD013TR 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 L6571BD013TR
상세설명  High voltage half bridge driver with oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6571BD013TR 데이터시트(HTML) 1 Page - STMicroelectronics

  L6571BD013TR Datasheet HTML 1Page - STMicroelectronics L6571BD013TR Datasheet HTML 2Page - STMicroelectronics L6571BD013TR Datasheet HTML 3Page - STMicroelectronics L6571BD013TR Datasheet HTML 4Page - STMicroelectronics L6571BD013TR Datasheet HTML 5Page - STMicroelectronics L6571BD013TR Datasheet HTML 6Page - STMicroelectronics L6571BD013TR Datasheet HTML 7Page - STMicroelectronics L6571BD013TR Datasheet HTML 8Page - STMicroelectronics L6571BD013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
January 2010
Doc ID 4946 Rev 6
1/12
12
L6571
High voltage half bridge driver with oscillator
Features
High voltage rail up to 600 V
BCD off line technology
15.6 V Zener clamp on Vs
Driver current capability:
– Sink current = 270 mA
– Source current = 170 mA
Very low start up current: 150 mA
Undervoltage lockout with hysteresis
Programmable oscillator frequency
Dead time 1.25 μs (L6571A) or 0.72 μs
(L6571B)
dV/dt immunity up to ±50 V/ns
ESD protection
Description
The device is a high voltage half bridge driver with
built in oscillator. The frequency of the oscillator
can be programmed using external resistor and
capacitor.
The internal circuitry of the device allows it to be
driven also by external logic signal.
The output drivers are designed to drive external
nchannel power MOSFET and IGBT. The internal
logic assures a dead time to avoid cross-
conduction of the power devices.
Two version are available: L6571A and L6571B.
They differ in the internal dead time: 1.25
μs and
0.72
μs (typ.)
DIP-8
SO8
Figure 1.
Block diagram
www.st.com


유사한 부품 번호 - L6571BD013TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6571BD STMICROELECTRONICS-L6571BD Datasheet
60Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
L6571BD STMICROELECTRONICS-L6571BD Datasheet
132Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
More results

유사한 설명 - L6571BD013TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6571A STMICROELECTRONICS-L6571A Datasheet
60Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
E-L6569 STMICROELECTRONICS-E-L6569 Datasheet
181Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
June 2000
L6569D013TR STMICROELECTRONICS-L6569D013TR Datasheet
181Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
L6571AD013TR STMICROELECTRONICS-L6571AD013TR Datasheet
234Kb / 12P
   High voltage half bridge driver with oscillator
L6569AD013TR STMICROELECTRONICS-L6569AD013TR Datasheet
181Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
L6571A_0009 STMICROELECTRONICS-L6571A_0009 Datasheet
132Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
L6569 STMICROELECTRONICS-L6569 Datasheet
110Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
logo
ON Semiconductor
NCP1392B ONSEMI-NCP1392B_12 Datasheet
203Kb / 21P
   High-Voltage Half-Bridge Driver with Inbuilt Oscillator
May, 2012 ??Rev. 3
NCP1392B ONSEMI-NCP1392B_09 Datasheet
203Kb / 21P
   High-Voltage Half-Bridge Driver with Inbuiltc Oscillator
May, 2012 ??Rev. 3
NCP1392 ONSEMI-NCP1392 Datasheet
162Kb / 21P
   High-Voltage Half-Bridge Driver with Inbuilt Oscillator
March, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com