전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD2082 데이터시트(PDF) 1 Page - Sanken electric

부품명 2SD2082
상세설명  Silicon NPN Triple Diffused Planar Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SD2082 데이터시트(HTML) 1 Page - Sanken electric

  2SD2082 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
146
Darlington
2SD2082
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
10
20
26
24
6
13
5
Collector-Emitter Voltage V CE(V)
3mA
6mA
1.5mA
12mA
I B=1mA
Safe Operating Area (Single Pulse)
0
3
2
1
0.2
1
0.5
10
5
200
100
50
Base Current I B(mA)
4A
8A
I C=16A
0.2
1
0.5
10
16
5
5000
30000
10000
1000
500
100
Collector Current I C(A)
(V CE=4V)
Typ
1ms
10ms
10
50
5
3
100
200
0.03
0.05
0.1
1
0.5
10
50
5
Collector-Emitter Voltage V CE(V)
DC
Without Heatsink
Natural Cooling
0.1
1
5
0.5
1
1 0
100
1000
Time t(ms)
100
µ
s
0
16
12
8
4
02
1
Base-Emittor Voltage V BE(V)
(V CE=4V)
h FE– I C Temperature Characteristics (Typical)
0.02
1
1 0
5
16
5000
20000
10000
1000
500
100
Collector Current I C(A)
(V CE=4V)
125˚C
–30˚C
25˚C
0.5
f T– I E Characteristics (Typical)
–0.05 –0.1
–0.5
–1
–5
–10 –16
0
20
10
30
(V CE=12V)
Emitter Current I E(A)
80
60
40
20
3.5
0
05 0
25
75
125
100
150
Ambient Temperature Ta(˚C)
Without Heatsink
Typ
Silicon NPN Triple Diffused Planar Transistor (Complement to type 2SB1382)
Application : Driver for Solenoid, Motor and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
120
120
6
16(Pulse26)
1
75(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Ratings
10max
10max
120min
2000min
1.5max
2.5max
20typ
210typ
Unit
µA
mA
V
V
V
MHz
pF
Conditions
VCB=120V
VEB=6V
IC=10mA
VCE=4V, IC=8A
IC=8A, IB=16mA
IC=8A, IB=16mA
VCE=12V, IE=–1A
VCB=10V, f=1MHz
(Ta=25°C)
(Ta=25°C)
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VBE(sat)
fT
COB
External Dimensions FM100(TO3PF)
4.4
1.5
1.5
BE
C
5.45±0.1
ø3.3±0.2
1.75
2.15
1.05
+0.2
-0.1
5.45±0.1
15.6±0.2
5.5±0.2
3.45
3.35
0.65
+0.2
-0.1
±0.2
0.8
a
b
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
40
RL
(
Ω)
5
IC
(A)
8
VBB2
(V)
–5
IB2
(mA)
–16
ton
(
µs)
0.6typ
tstg
(
µs)
7.0typ
tf
(
µs)
1.5typ
IB1
(mA)
16
VBB1
(V)
10
Weight : Approx 2.0g
a. Part No.
b. Lot No.
B
C
E
(2k
Ω) (100Ω)
Equivalent
circuit


유사한 부품 번호 - 2SD2082

제조업체부품명데이터시트상세설명
logo
Sanken electric
2SD2082 SANKEN-2SD2082 Datasheet
26Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Motor and General Purpose)
logo
Savantic, Inc.
2SD2082 SAVANTIC-2SD2082 Datasheet
156Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD2082 JMNIC-2SD2082 Datasheet
82Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD2082 ISC-2SD2082 Datasheet
131Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD2082 SAVANTIC-2SD2082 Datasheet
158Kb / 3P
   Silicon NPN Power Transistors
More results

유사한 설명 - 2SD2082

제조업체부품명데이터시트상세설명
logo
Wing Shing Computer Com...
2SD1555 WINGS-2SD1555 Datasheet
29Kb / 1P
   NPN TRIPLE DIFFUSED(PLANAR SILICON TRANSISTOR)
logo
Fairchild Semiconductor
FJAF6810D FAIRCHILD-FJAF6810D Datasheet
77Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJAF6910 FAIRCHILD-FJAF6910 Datasheet
109Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJL6825 FAIRCHILD-FJL6825 Datasheet
107Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
KSD5072 FAIRCHILD-KSD5072 Datasheet
95Kb / 4P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5338D FAIRCHILD-KSC5338D_10 Datasheet
394Kb / 8P
   NPN Triple Diffused Planar Silicon Transistor
logo
Sanken electric
2SC3835 SANKEN-2SC3835_07 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3927 SANKEN-2SC3927_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC4140 SANKEN-2SC4140_01 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com