전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD584K 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD584K
상세설명  Pin Programmable, Precision Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD584K 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD584K Datasheet HTML 3Page - Analog Devices AD584K Datasheet HTML 4Page - Analog Devices AD584K Datasheet HTML 5Page - Analog Devices AD584K Datasheet HTML 6Page - Analog Devices AD584K Datasheet HTML 7Page - Analog Devices AD584K Datasheet HTML 8Page - Analog Devices AD584K Datasheet HTML 9Page - Analog Devices AD584K Datasheet HTML 10Page - Analog Devices AD584K Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
AD584
Rev. C | Page 7 of 12
PERFORMANCE OVER TEMPERATURE
Each AD584 is tested at three temperatures over the −55°C to
+125°C range to ensure that each device falls within the maximum
error band (see Figure 6) specified for a particular grade (that is, S
and T grades); three-point measurement guarantees performance
within the error band from 0°C to 70°C (that is, J and K grades).
The error band guaranteed for the AD584 is the maximum
deviation from the initial value at 25°C. Thus, given the grade
of the AD584, the maximum total error from the initial tolerance
plus the temperature variation can easily be determined. For
example, for the AD584T, the initial tolerance is ±10 mV, and
the error band is ±15 mV. Therefore, the unit is guaranteed to
be 10.000 V ± 25 mV from −55°C to +125°C.
Figure 6. Typical Temperature Characteristic
OUTPUT CURRENT CHARACTERISTICS
The AD584 has the capability to either source or sink current
and provide good load regulation in either direction; although,
it has better characteristics in the source mode (positive current
into the load). The circuit is protected for shorts to either positive
supply or ground. Figure 7 shows the output voltage vs. the
output current characteristics of the device. Source current is
displayed as negative current in the figure, and sink current is
displayed as positive current. The short-circuit current (that is,
0 V output) is about 28 mA; however, when shorted to 15 V, the
sink current goes to approximately 20 mA.
Figure 7. Output Voltage vs. Output Current (Sink and Source)
DYNAMIC PERFORMANCE
Many low power instrument manufacturers are becoming
increasingly concerned with the turn-on characteristics of the
components being used in their systems. Fast turn-on components
often enable the end user to keep power off when not needed
and yet respond quickly when the power is turned on. Figure 8
displays the turn-on characteristic of the AD584. Figure 8 is
generated from cold-start operation and represents the true
turn-on waveform after an extended period with the supplies off.
Figure 8 shows both the coarse and fine transient characteristics of
the device; the total settling time to within ±10 mV is about
180 µs, and there is no long thermal tail appearing after the point.
Figure 8. Output Settling Characteristic
10.005
10.000
9.995
–55
0
25
70
125
TEMPERATURE (°C)
OUTPUT CURRENT (mA)
0
5
10
15
20
–5
–10
–15
SINK
SOURCE
–20
14
12
10
8
6
4
2
0
+VS = 15V
TA = 25°C
SETTLING TIME (µs)
100
150
200
250
50
0
10.03V
10.02V
12V
11V
10V
20V
10V
0V
10.01V
10.00V
OUTPUT
OUTPUT
POWER
SUPPLY
INPUT


유사한 부품 번호 - AD584K

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD584K AD-AD584K Datasheet
304Kb / 8P
   Pin Programmable Precision Voltage Reference
REV. A
AD584KH AD-AD584KH Datasheet
304Kb / 8P
   Pin Programmable Precision Voltage Reference
REV. A
AD584KH AD-AD584KH Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
AD584KH AD-AD584KH Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
AD584KN AD-AD584KN Datasheet
304Kb / 8P
   Pin Programmable Precision Voltage Reference
REV. A
More results

유사한 설명 - AD584K

제조업체부품명데이터시트상세설명
logo
Analog Devices
JM3851012801BGA AD-JM3851012801BGA Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
AD584 AD-AD584 Datasheet
304Kb / 8P
   Pin Programmable Precision Voltage Reference
REV. A
AD584 AD-AD584_12 Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
logo
Maxim Integrated Produc...
MX584 MAXIM-MX584 Datasheet
296Kb / 8P
   Pin Programmable Precision Voltage Reference
Rev 1; 8/96
MX584 MAXIM-MX584_V01 Datasheet
642Kb / 11P
   Pin-Programmable, Precision Voltage Reference
2004
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com