전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD780AR 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD780AR
상세설명  2.5 V-3.0 V High Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD780AR 데이터시트(HTML) 5 Page - Analog Devices

  AD780AR Datasheet HTML 1Page - Analog Devices AD780AR Datasheet HTML 2Page - Analog Devices AD780AR Datasheet HTML 3Page - Analog Devices AD780AR Datasheet HTML 4Page - Analog Devices AD780AR Datasheet HTML 5Page - Analog Devices AD780AR Datasheet HTML 6Page - Analog Devices AD780AR Datasheet HTML 7Page - Analog Devices AD780AR Datasheet HTML 8Page - Analog Devices AD780AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
AD780
Rev. F | Page 5 of 12
THEORY OF OPERATION
Band gap references are the high performance solution for low
supply voltage and low power voltage reference applications. In
this technique, a voltage with a positive temperature coefficient
is combined with the negative coefficient of a transistor’s Vbe to
produce a constant band gap voltage.
In the AD780, the band gap cell contains two NPN transistors
(Q6 and Q7) that differ in emitter area by 12×. The difference in
their Vbes produces a PTAT current in R5. This, in turn,
produces a PTAT voltage across R4 that, when combined with
the Vbe of Q7, produces a voltage (Vbg) that does not vary with
temperature. Precision laser trimming of the resistors and other
patented circuit techniques are used to further enhance the drift
performance.
R16
R10
+VIN
R4
R5
Q6
Q7
R11
R14
R13
R15
NC
VOUT
TRIM
GND
O/P SELECT
2.5V – NC
3.0V – GND
TEMP
NC
NC = NO CONNECT
AD780
7
2
1
3
4
8
5
6
Figure 4. Schematic Diagram
The output voltage of the AD780 is determined by the
configuration of Resistors R13, R14, and R15 in the amplifier’s
feedback loop. This sets the output to either 2.5 V or 3.0 V,
depending on whether R15 (Pin 8) is grounded or not
connected.
A unique feature of the AD780 is the low headroom design of
the high gain amplifier, which produces a precision 3 V output
from an input voltage as low as 4.5 V (or 2.5 V from a 4.0 V
input). The amplifier design also allows the part to work with
+VIN = VOUT when current is forced into the output terminal.
This allows the AD780 to work as a 2-terminal shunt regulator,
providing a −2.5 V or −3.0 V reference voltage output without
external components.
The PTAT voltage is also used to provide the user with a
thermometer output voltage (at Pin 3) that increases at a rate of
approximately 2 mV/°C.
The AD780’s NC (Pin 7) is a 20 kΩ resistor to +VIN that is used
solely for production test purposes. Users who are currently
using the LT1019 self-heater pin (Pin 7) must take into account
the different load on the heater supply.


유사한 부품 번호 - AD780AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD780AR AD-AD780AR Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780AR AD-AD780AR Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780AR-REEL7 AD-AD780AR-REEL7 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780AR-REEL7 AD-AD780AR-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
More results

유사한 설명 - AD780AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780 AD-AD780_15 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD580 AD-AD580 Datasheet
251Kb / 6P
   High Precision 2.5 V IC Reference
REV. A
5962-8686101XA AD-5962-8686101XA Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
   2.5 V Precision Reference / Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com