전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD780BR 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD780BR
상세설명  2.5 V-3.0 V High Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD780BR 데이터시트(HTML) 3 Page - Analog Devices

  AD780BR Datasheet HTML 1Page - Analog Devices AD780BR Datasheet HTML 2Page - Analog Devices AD780BR Datasheet HTML 3Page - Analog Devices AD780BR Datasheet HTML 4Page - Analog Devices AD780BR Datasheet HTML 5Page - Analog Devices AD780BR Datasheet HTML 6Page - Analog Devices AD780BR Datasheet HTML 7Page - Analog Devices AD780BR Datasheet HTML 8Page - Analog Devices AD780BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
AD780
Rev. F | Page 3 of 12
SPECIFICATIONS
TA = 25°C, VIN = 5 V, unless otherwise noted.
Table 1.
AD780AN/AD780AR
AD780CR
AD780BN/AD780BR
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT VOLTAGE
2.5 V Out
2.495
2.505
2.4985
2.5015
2.499
2.501
V
3.0 V Out
2.995
3.005
2.9950
3.0050
2.999
3.001
V
OUTPUT VOLTAGE DRIFT1
−40°C to +85°C
7
7
3
ppm/°C
−55°C to +125°C
20
20
ppm/°C
LINE REGULATION
2.5 V Output, 4 V ≤+VIN ≤ 36 V, TMIN to TMAX
10
10
10
µV/V
3.0 V Output, 4.5 V ≤+VIN ≤ 36 V, TMIN to TMAX
10
10
10
µV/V
LOAD REGULATION, SERIES MODE
Sourcing 0 mA < IOUT< 10 mA
50
50
50
µV/mA
TMIN to TMAX
75
75
75
µV/mA
Sinking −10 mA < IOUT< 0 mA
75
75
75
µV/mA
−40°C to +85°C
75
75
75
µV/mA
−55°C to +125°C
150
150
150
µV/mA
LOAD REGULATION, SHUNT MODE
I < ISHUNT< 10 mA
75
75
75
µV/mA
QUIESCENT CURRENT, 2.5 V SERIES MODE2
–40°C to +85°C
0.75
1.0
0.75
1.0
0.75
1.0
mA
−55°C to +125°C
0.8
1.3
0.8
1.3
0.8
1.3
mA
MINIMUM SHUNT CURRENT
0.7
1.0
0.7
1.0
0.7
1.0
mA
OUTPUT NOISE
0.1 Hz to 10 Hz
4
4
4
µV p-p
Spectral Density, 100 Hz
100
100
100
nV/√Hz
LONG-TERM STABILITY3
20
20
20
± ppm/1000 Hr
TRIM RANGE
4.0
4.0
4.0
± %
TEMPERATURE PIN
Voltage Output @ 25°C
500
560
620
500
560
620
500
560
620
mV
Temperature Sensitivity
1.9
1.9
1.9
mV/°C
Output Resistance
3
3
3
kΩ
SHORT-CIRCUIT CURRENT TO GROUND
30
30
30
mA
TEMPERATURE RANGE
Specified Performance (A, B, C)
–40
+85
–40
+85
–40
+85
°C
Operating Performance (A, B, C)4
–55
+125
–55
+125
–55
+125
°C
1
Maximum output voltage drift is guaranteed for all packages.
2
3.0 V mode typically adds 100 µA to the quiescent current. Also, Iq increases by 2 µA/V above an input voltage of 5 V.
3
The long-term stability specification is noncumulative. The drift in subsequent 1,000 hour periods is significantly lower than in the first 1,000 hour period.
4
The operating temperature range is defined as the temperature extremes at which the device will still function. Parts may deviate from their specified performance
outside their specified temperature range.


유사한 부품 번호 - AD780BR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD780BR AD-AD780BR Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780BR AD-AD780BR Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
logo
List of Unclassifed Man...
AD780BR ETC2-AD780BR Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Analog Devices
AD780BR-REEL AD-AD780BR-REEL Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780BR-REEL AD-AD780BR-REEL Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
More results

유사한 설명 - AD780BR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780 AD-AD780_15 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD580 AD-AD580 Datasheet
251Kb / 6P
   High Precision 2.5 V IC Reference
REV. A
5962-8686101XA AD-5962-8686101XA Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
   2.5 V Precision Reference / Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com