전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD780CRZ 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD780CRZ
상세설명  2.5 V-3.0 V High Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD780CRZ 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD780CRZ Datasheet HTML 4Page - Analog Devices AD780CRZ Datasheet HTML 5Page - Analog Devices AD780CRZ Datasheet HTML 6Page - Analog Devices AD780CRZ Datasheet HTML 7Page - Analog Devices AD780CRZ Datasheet HTML 8Page - Analog Devices AD780CRZ Datasheet HTML 9Page - Analog Devices AD780CRZ Datasheet HTML 10Page - Analog Devices AD780CRZ Datasheet HTML 11Page - Analog Devices AD780CRZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD780
Data Sheet
Rev. F | Page 10 of 12
+VIN
AD780
AD7884
VOUT
VREF + F
6
VREF + S
2.5V/3.0V
SELECT
8
GND
4
2
1
F
5V
Figure 21. Precision 3 V Reference for the AD7884 16-Bit, High Speed ADC
The AD780 is also ideal for use with higher resolution
converters, such as the AD7710/AD7711/AD7712 (see Figure
22. While these parts are specified with a 2.5 V internal
reference, the AD780 in 3 V mode can be used to improve the
absolute accuracy, temperature stability, and dynamic range. It
is shown in Figure 22 with the two optional noise reduction
capacitors.
+VIN
AD780
AD7710
VOUT
REF IN+
6
2.5V/3.0V
O/P SELECT
8
GND
4
3
2
1
F
100nF
5V
REF IN–
100
F
Figure 22. Precision 2.5 V or 3.0 V Reference for the
AD7710 High Resolution, Σ-Δ ADC
4.5 V REFERENCE FROM 5 V SUPPLY
Some 5 V high resolution ADCs can accommodate reference
voltages up to 4.5 V. The AD780 can be used to provide a
precision 4.5 V reference voltage from a 5 V supply using the
circuit shown in Figure 23. This circuit provides a regulated
4.5 V output from a supply voltage as low as 4.7 V. The high
quality tantalum 10 μF capacitor, in parallel with the ceramic
AD780 0.1 μF capacitor and the 3.9 Ω resistor, ensures a low
output impedance around 50 MHz.
AD780
2N2907
VOUT
5k
0.01%
4k
0.01%
2.5k
3.9
1k
0.1
F
0.1
F
10
F
0.1
F
OP90
+
VSUPPLY
2
4
6
3
7
6
4
2
Figure 23. 4.5 V Reference from a Single 5 V Supply
NEGATIVE (–2.5 V) REFERENCE
The AD780 can produce a negative output voltage in shunt
mode by connecting the input and output to ground, and
connecting the AD780’s GND pin to a negative supply via a bias
resistor, as shown in Figure 25.
NC
TEMP
+VIN
VOUT
TRIM
GND
O/P SELECT
2.5V – NC
3.0V – GND
NC
1
F
AD780
NOTES
1. IL = LOAD CURRENT
2. IS MIN = MINIMUM SHUNT CURRENT
3. NC = NO CONNECT
1
7
6
5
8
4
2
3
R =
VOUT – (V–)
IL + IS MIN
–2.5 VOUT
V–
Figure 24. Negative (−2.5 V Shunt Mode Reference)
A precise –2.5 V reference capable of supplying up to 100 mA to
a load can be implemented with the AD780 in series mode,
using the bootstrap circuit shown in Figure 25.
AD780
2N3906
+5V
+5V
OP07
CONNECT IF
–3V OUTPUT
DESIRED
–2.5V (IL 100mA)
–5V
–5V
OUT
1k
1000pF
+VIN
+
2
4
68
Figure 25. −2.5 V High Load Current Reference


유사한 부품 번호 - AD780CRZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD780CRZ AD-AD780CRZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780CRZ-REEL7 AD-AD780CRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
More results

유사한 설명 - AD780CRZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780 AD-AD780_15 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD580 AD-AD580 Datasheet
251Kb / 6P
   High Precision 2.5 V IC Reference
REV. A
5962-8686101XA AD-5962-8686101XA Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
   2.5 V Precision Reference / Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com