전자부품 데이터시트 검색엔진 |
|
ADP1707ACPZ-33-R7 데이터시트(PDF) 4 Page - Analog Devices |
|
ADP1707ACPZ-33-R7 데이터시트(HTML) 4 Page - Analog Devices |
4 / 20 page ADP1706/ADP1707/ADP1708 Rev. 0 | Page 4 of 20 Parameter Symbol Test Conditions Min Typ Max Unit OUTPUT NOISE OUTNOISE 10 Hz to 100 kHz, VOUT = 0.75 V 125 μV rms 10 Hz to 100 kHz, VOUT = 3.3 V 450 μV rms POWER SUPPLY REJECTION RATIO PSRR 1 kHz, VOUT = 0.75 V 70 dB 1 kHz, VOUT = 3.3 V 56 dB 1 Accuracy when OUT is connected directly to ADJ. When OUT voltage is set by external feedback resistors, absolute accuracy in adjust mode depends on the tolerances of resistors used. 2 Based on an end-point calculation using 10 mA and 1 A loads. See Figure 11 for typical load regulation performance for loads less than 10 mA. 3 Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only for output voltages above 2.5 V. 4 Start-up time is defined as the time between the rising edge of EN to OUT being at 95% of its nominal value. 5 Current limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 1.0 V output voltage is defined as the current that causes the output voltage to drop to 90% of 1.0 V, or 0.9 V. |
유사한 부품 번호 - ADP1707ACPZ-33-R7 |
|
유사한 설명 - ADP1707ACPZ-33-R7 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |