전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC5555LD 데이터시트(PDF) 5 Page - Sanken electric

부품명 LC5555LD
상세설명  Single-Stage Power Factor Corrected High Efficiency Non-Isolated Buck LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5555LD 데이터시트(HTML) 5 Page - Sanken electric

  LC5555LD Datasheet HTML 1Page - Sanken electric LC5555LD Datasheet HTML 2Page - Sanken electric LC5555LD Datasheet HTML 3Page - Sanken electric LC5555LD Datasheet HTML 4Page - Sanken electric LC5555LD Datasheet HTML 5Page - Sanken electric LC5555LD Datasheet HTML 6Page - Sanken electric LC5555LD Datasheet HTML 7Page - Sanken electric LC5555LD Datasheet HTML 8Page - Sanken electric LC5555LD Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
SANKEN ELECTRIC CO., LTD.
LC5550LD-DS
Single-Stage Power Factor Corrected
High Efficiency Non-Isolated Buck LED Driver
LC5550LD
Series
July 9, 2012
10
1
0.1
0.01
Transient Thermal Resistance Curve
Time (s)
10–6
10–5
10–4
10–3
10–2
10–1
Ambient Temperature, TA (°C)
1.2
1.0
0.8
0.6
0.4
0.2
0
0
255075
125
100
150
MOSFET Temperature versus Power Dissipation Curve
Channel Temperature, Tch (°C)
100
80
60
40
20
0
25
50
75
125
100
150
MOSFET Avalanche Energy Derating Coefficient Curve
Drain-to-Source Voltage, VDS (V)
10
1
0.1
0.01
1
10
100
1000
MOSFET Safe Operating Area Curve
Drain current limited
by on-resistance
1 ms
0.1 ms
To use this graph, apply the S.O.A
temperature derating coefficient
taken from the graph at the left
Channel Temperature, Tch (°C)
100
80
60
40
20
0
S. O. A. Temperature Derating Coefficient Curve
0
255075
125
100
150
Characteristic Performance
LC5555LD


유사한 부품 번호 - LC5555LD

제조업체부품명데이터시트상세설명
logo
Sanken electric
LC5500 SANKEN-LC5500 Datasheet
637Kb / 40P
   LC5500 Series Single-Stage Power Factor Corrected Off-Line Switching Regulators
logo
LG Semicon Co.,Ltd.
LC550EUF LG-LC550EUF Datasheet
602Kb / 30P
   55 F-HD TFT(Thin Film Transistor) LCD module
LC550EUF-FEP1-831 LG-LC550EUF-FEP1-831 Datasheet
602Kb / 30P
   55 F-HD TFT(Thin Film Transistor) LCD module
logo
Seoul Semiconductor
LC550Z SEOUL-LC550Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LC551 SEOUL-LC551 Datasheet
390Kb / 14P
   BLUE OVAL LAMP LED
More results

유사한 설명 - LC5555LD

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCL30002 ONSEMI-NCL30002 Datasheet
232Kb / 17P
   Power Factor Corrected Buck LED Driver
March, 2012 ??Rev. 0
logo
Shenzhen Tianyuan Semic...
TP8621 TPOWER-TP8621 Datasheet
648Kb / 7P
   Three-stage switch dimming high power factor non-isolated buck LED driver chip
logo
Power Integrations, Inc...
LNK405EG POWERINT-LNK405EG Datasheet
5Mb / 54P
   12 W Non-Isolated, Buck Topology, Power Factor Corrected, LED Driver Using LinkSwitch짰-PH LNK405EG
DI-67 POWERINT-DI-67 Datasheet
74Kb / 2P
   Isolated, Power Factor Corrected (PFC), 17 W LED Driver
logo
Shenzhen Tianyuan Semic...
TP8601 TPOWER-TP8601 Datasheet
568Kb / 6P
   High power factor non-isolated buck LED constant current driver chip
TP8611 TPOWER-TP8611 Datasheet
625Kb / 7P
   PWM dimming high power factor non-isolated buck LED driver chip
logo
Maxic Technology Corpor...
MT7725 MAXIC-MT7725 Datasheet
165Kb / 1P
   Non-isolated High Efficiency Buck Constant Current LED Driver
MT7727 MAXIC-MT7727 Datasheet
152Kb / 1P
   Non-isolated High Efficiency Buck Constant Current LED Driver
MT7724 MAXIC-MT7724 Datasheet
165Kb / 1P
   Non-isolated High Efficiency Buck Constant Current LED Driver
MT7725XK MAXIC-MT7725XK Datasheet
199Kb / 1P
   Non-isolated High Efficiency Buck Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com