전자부품 데이터시트 검색엔진 |
|
TIP117 데이터시트(PDF) 5 Page - Motorola, Inc |
|
TIP117 데이터시트(HTML) 5 Page - Motorola, Inc |
5 / 6 page TIP110 TIP111 TIP112 TIP115 TIP116 TIP117 5 Motorola Bipolar Power Transistor Device Data Figure 11. Temperature Coefficients NPN TIP110, 111, 112 PNP TIP115, 116, 117 Figure 12. Collector Cut-Off Region IC, COLLECTOR CURRENT (AMP) + 0.8 0 – 0.8 – 1.6 – 2.4 – 3.2 – 4.0 – 4.8 *APPLIES FOR IC/IB ≤ hFE/3 * θVC for VCE(sat) θVC for VBE 0.04 0.06 0.2 0.4 0.6 1.0 2.0 4.0 25 °C to 150°C – 55 °C to 25°C 0.1 25 °C to 150°C – 55 °C to 25°C IC, COLLECTOR CURRENT (AMP) + 0.8 0 – 0.8 – 1.6 – 2.4 – 3.2 – 4.0 – 4.8 *APPLIES FOR IC/IB ≤ hFE/3 * θVC for VCE(sat) θVC for VBE 0.04 0.06 0.2 0.4 0.6 1.0 2.0 4.0 25 °C to 150°C – 55 °C to 25°C 0.1 25 °C to 150°C – 55 °C to 25°C 105 – 0.6 103 102 100 104 101 10–1 VBE, BASE-EMITTER VOLTAGE (VOLTS) – 0.4 – 0.2 0 + 0.2 + 0.4 + 0.6 + 0.8 + 1.0 + 1.2 VCE = 30 V TJ = 150°C 100 °C 25 °C REVERSE FORWARD + 1.4 105 – 0.6 103 102 100 104 101 10–1 VBE, BASE-EMITTER VOLTAGE (VOLTS) – 0.4 – 0.2 0 + 0.2 + 0.4 + 0.6 + 0.8 + 1.0 + 1.2 VCE = 30 V TJ = 150°C 100 °C 25 °C REVERSE FORWARD + 1.4 Figure 13. Inductive Load Switching Note A: Input pulse width is increased until ICM = 0.71 A, NPN test shown; for PNP test reverse all polarity and use MJE224 driver. 0.71 A 0 V – 5 V tw ≈ 3.5 ms (SEE NOTE A) INPUT VOLTAGE COLLECTOR CURRENT COLLECTOR VOLTAGE VCER 0 V 20 V 100 ms VCE(sat) INPUT MJE254 50 Ω 50 Ω RBB1 2 k Ω RBB2 100 Ω VBB2 = 0 TUT VCE MONITOR 100 mH VCC = 20 V IC MONITOR RS = 0.1 Ω TEST CIRCUIT VOLTAGE AND CURRENT WAVEFORMS + – VBB1 = 10 V + – |
유사한 부품 번호 - TIP117 |
|
유사한 설명 - TIP117 |