전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7-745288-0 데이터시트(PDF) 10 Page - Tyco Electronics

부품명 7-745288-0
상세설명  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

7-745288-0 데이터시트(HTML) 10 Page - Tyco Electronics

Back Button 7-745288-0 Datasheet HTML 6Page - Tyco Electronics 7-745288-0 Datasheet HTML 7Page - Tyco Electronics 7-745288-0 Datasheet HTML 8Page - Tyco Electronics 7-745288-0 Datasheet HTML 9Page - Tyco Electronics 7-745288-0 Datasheet HTML 10Page - Tyco Electronics 7-745288-0 Datasheet HTML 11Page - Tyco Electronics 7-745288-0 Datasheet HTML 12Page - Tyco Electronics 7-745288-0 Datasheet HTML 13Page - Tyco Electronics 7-745288-0 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
99
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
HDP-20 Ferrules for Shielding Hardware Kits
Shell
L
Cable
Part Numbers
Sizes
Style
Dim.
Diameter
Ferrule
Die Sets*
.440
.165-.190
1-3
Stepped
11.18
4.19-4.83
3-747579-0
543424-3
.440
.190-.217
1-3
Stepped
11.18
4.83-5.51
3-747579-0
543424-2
.440
.217-.246
1-3
Stepped
11.18
5.51-6.25
3-747579-0
543424-8
.440
.246-.284
1-3
Stepped
11.18
6.25-7.21
3-747579-2
543424-1
.440
.284-.324
1-3
Stepped
11.18
7.21-8.23
3-747579-2
543424-7
.440
.324-.375
1-3
Stepped
11.18
8.23-9.53
3-747579-4
543424-6
.440
.375-.437
1-3
Straight
11.18
9.53-11.10
2-747579-7
543424-5
.440
.400-.460
1-3
Straight
11.18
10.16-11.56
3-747579-6
543424-4
.625
.230-.265
4-5
Stepped
15.88
5.84-6.73
2-747580-4
543425-2
.625
.338-.385
4-5
Stepped
15.88
8.59-9.78
2-747580-3
543425-1
.625
.375-432
4-5
Stepped
15.88
9.53-10.97
2-747580-1
58238-1
.625
.422-.490
4-5
Stepped
15.88
10.72-12.45
3-747580-1
58237-2
.625
.480-.562
4-5
Straight
15.88
12.19-14.28
2-747580-2
58237-1
Ferrules for
Shielding Hardware Kits
Application Tooling for
Shielding Hardware Kits
Hand Crimping Tool
No. 543344-1
(Requires Die Sets, see
table above.)
Pneumatic Bench Tool
No. 312522-3
(Requires Die Set Holder
No. 58449-1.)
*Die sets used with Hand Crimping Tool Part No. 543344-1 or Pneumatic
Bench Tool Part No. 312522-3 equipped with Die Set Holder Part No. 58449-1.
L
.020
[0.51]
Material and Finish:
Steel (annealed), tin plated
Related Product Data:
Shielding Hardware and
Enclosure Kits—pages 94-98
Technical Documents:
Instruction Sheets—
408-9507
408-9508
408-9243
408-9242
Note: Instruction Sheets for TE Tooling
are packaged with the tooling. For
additional information call the Tooling
Assistance Center: 1-800-722-1111.
Shielding Enclosure
Expansion Tools
Part No. 58241-1 (.450 [11.43])†
Part No. 58241-2 (.572 [14.53])†
Part No. 58241-4 (.330 [8.38])†0
†Maximum Cable Diameter
(Instruction Sheet—408-9172)
Bench
Mounting
Plate
Part No. 313183-1
Stepped
Straight


유사한 부품 번호 - 7-745288-0

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
7-794620-2 TEC-7-794620-2 Datasheet
215Kb / 1P
   THRU-HOLE, R/A, 30 GOLD HEADER, PLASTIC BOARDLOCK, DUAL ROW, MICRO MATE-N-LOK
7-794635-4 TEC-7-794635-4 Datasheet
233Kb / 1P
   SURFACE MOUNT, VERTICAL, MECHANICAL HOLDDOWN, ASSEMBLY, 30 GOLD HEADER, DUAL ROW, MICRO MATE-N-LOK(TM)
logo
Tyco Electronics
7-796634-0 MACOM-7-796634-0 Datasheet
612Kb / 2P
   TERMINAL BLOCK, PLUG, STACKING, 5.08mm PITCH
logo
TE Connectivity Ltd
7-796634-0 TEC-7-796634-0 Datasheet
911Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
7-796634-1 MACOM-7-796634-1 Datasheet
612Kb / 2P
   TERMINAL BLOCK, PLUG, STACKING, 5.08mm PITCH
More results

유사한 설명 - 7-745288-0

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
3-747579-4 MACOM-3-747579-4 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com