전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA5227 데이터시트(PDF) 7 Page - Sanken electric

부품명 SLA5227
상세설명  Built-in IGBT and diode bridge of partial switching PFC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5227 데이터시트(HTML) 7 Page - Sanken electric

  SLA5227 Datasheet HTML 1Page - Sanken electric SLA5227 Datasheet HTML 2Page - Sanken electric SLA5227 Datasheet HTML 3Page - Sanken electric SLA5227 Datasheet HTML 4Page - Sanken electric SLA5227 Datasheet HTML 5Page - Sanken electric SLA5227 Datasheet HTML 6Page - Sanken electric SLA5227 Datasheet HTML 7Page - Sanken electric SLA5227 Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
http://www.sanken-ele.co.jp
SLA5227
Oct.2010
The information included herein is believed to be accurate and reliable. However, SANKEN ELECTRIC CO., LTD assumes no
responsibility for its use ; nor for any infringements of patents or other rights of third parties that may result from its use.
Copy Right: SANKEN ELECTRIC CO.,LTD.
Page 7
SANKEN ELECTRIC
Fig.1
Switching Time Test Method
VCC≒300V
IC=50A
RL=60Ω
VGE=±15V
RG=39Ω
(a) Test Circuit
(b) Waveforms


유사한 부품 번호 - SLA5227

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA5227 SANKEN-SLA5227 Datasheet
167Kb / 8P
   Built-in IGBT and diode bridge of partial switching PFC circuit Enable to reduce mounting area
More results

유사한 설명 - SLA5227

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA5227 SANKEN-SLA5227 Datasheet
167Kb / 8P
   Built-in IGBT and diode bridge of partial switching PFC circuit Enable to reduce mounting area
SLA5222 SANKEN-SLA5222 Datasheet
519Kb / 10P
   For partial switching PFC
logo
Recom International Pow...
RACG100 RECOM-RACG100 Datasheet
452Kb / 4P
   built in active PFC
RACG150 RECOM-RACG150 Datasheet
451Kb / 4P
   Built-in Active PFC
logo
Delta Electronics, Inc.
PMF-24V240WCXX DELTA-PMF-24V240WCXX Datasheet
1Mb / 14P
   Built-in Active PFC and fan speed control
logo
Renesas Technology Corp
RJP65T54DPM-E0 RENESAS-RJP65T54DPM-E0 Datasheet
268Kb / 8P
   Partial switching circuit
logo
Delta Electronics, Inc.
DRM-24V80W1PN DELTA-DRM-24V80W1PN Datasheet
1Mb / 20P
   Built-in active PFC and up to 90% efficiency
logo
SanRex Corporation
CVM75BB160 SANREX-CVM75BB160 Datasheet
127Kb / 2P
   Three Phase Diode Bridge With Built-In Thyristor
logo
International Rectifier
IRS2580DSPBF IRF-IRS2580DSPBF_15 Datasheet
32Kb / 1P
   PFC, ballast control and half-bridge driver in one IC
logo
IXYS Corporation
FID50-12BD IXYS-FID50-12BD Datasheet
68Kb / 2P
   Bidirectional Switch with IGBT and fast Diode Bridge
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com