전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA4020 데이터시트(PDF) 1 Page - Sanken electric

부품명 SMA4020
상세설명  PNP Darlington General purpose
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA4020 데이터시트(HTML) 1 Page - Sanken electric

  SMA4020 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
122
Characteristic curves
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
–60
V
VCEO
–60
V
VEBO
–6V
IC
–4A
IB
–1A
4 (Ta=25
°C)
20 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
–10
µAVCB=–60V
IEBO
–10
mA
VEB=–6V
VCEO
–60
V
IC=–10mA
hFE
2000
VCE=–4V, IC=–3A
VCE(sat)
–1.5
V
IC=–3A, IB=–6mA
PT
W
SMA4020
Specification
min
typ
max
R1: 2k
Ω typ R2: 150Ω typ
R1
R2
10
12
7
8
6
5
3
1
11
9
4
2
–6
–4
–2
0
0
–1
–2
–3
–4
–5
–6
–0.8mA
–1.0mA
–1.2mA
–1.5mA
–1.8mA
VCE (V)
–0.9mA
10000
5000
1000
500
100
–0.03
50
–0.1
–0.5
–1
–5 –6
typ
(VCE=–4V)
IC (A)
10000
5000
1000
500
100
–0.03
50
–0.1
–0.5
–1
–5 –6
–30
°C
T
a=1
25
°C
75
°C
25
°C
(VCE=–4V)
IC (A)
–3
–1
0
–0.5
–1
–5 –6
–2
Ta=–30
°C
25
°C
125°C
75
°C
(IC / IB=1000)
IC (A)
–0.2
–3
–2
–1
0
–0.5
–1
–5
–10
–50
–100
IC=–4A
IC=–2A
IC=–1A
IB (mA)
0
–1
–2
–3
–6
–5
–4
–3
–2
–1
0
75
°C
25
°C
(VCE=–4V)
VBE (V)
20
10
5
1
0.5
1
5
10
50
100
500 1000
PW (mS)
20
15
10
5
0
–40
0
50
100
150
Ta (
°C)
Without Heatsink
–10
–5
–1
–0.5
–0.1
–0.05
–0.03
–3
–5
–10
–50
–100
Single Pulse
Without Heatsink
Ta=25
°C
VCE (V)
PNP Darlington
General purpose
External dimensions
B • • • SMA
Absolute maximum ratings
Electrical characteristics
sEquivalent circuit diagram


유사한 부품 번호 - SMA4020

제조업체부품명데이터시트상세설명
logo
Sanken electric
SMA4020 SANKEN-SMA4020 Datasheet
21Kb / 1P
   PNP Darlington General purpose
SMA4020 SANKEN-SMA4020_01 Datasheet
35Kb / 1P
   PNP Darlington General purpose
More results

유사한 설명 - SMA4020

제조업체부품명데이터시트상세설명
logo
Sanken electric
STA472A SANKEN-STA472A Datasheet
23Kb / 1P
   PNP Darlington General purpose
STA408A SANKEN-STA408A_06 Datasheet
37Kb / 1P
   PNP Darlington General purpose
SLA4070 SANKEN-SLA4070_06 Datasheet
36Kb / 1P
   PNP Darlington General purpose
SLA4070 SANKEN-SLA4070 Datasheet
22Kb / 1P
   PNP Darlington General purpose
STA308A SANKEN-STA308A Datasheet
20Kb / 1P
   PNP Darlington General purpose
SLA4070 SANKEN-SLA4070 Datasheet
36Kb / 1P
   PNP Darlington General purpose
SMA4020 SANKEN-SMA4020_01 Datasheet
35Kb / 1P
   PNP Darlington General purpose
SDA01 SANKEN-SDA01 Datasheet
20Kb / 1P
   PNP Darlington General purpose
SMA4030 SANKEN-SMA4030 Datasheet
22Kb / 1P
   PNP Darlington General purpose
STA402A SANKEN-STA402A Datasheet
21Kb / 1P
   PNP Darlington General purpose
STA472A SANKEN-STA472A_06 Datasheet
40Kb / 1P
   PNP Darlington General purpose
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com