전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-640440-1 데이터시트(PDF) 14 Page - Tyco Electronics

부품명 4-640440-1
상세설명  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-640440-1 데이터시트(HTML) 14 Page - Tyco Electronics

Back Button 4-640440-1 Datasheet HTML 10Page - Tyco Electronics 4-640440-1 Datasheet HTML 11Page - Tyco Electronics 4-640440-1 Datasheet HTML 12Page - Tyco Electronics 4-640440-1 Datasheet HTML 13Page - Tyco Electronics 4-640440-1 Datasheet HTML 14Page - Tyco Electronics 4-640440-1 Datasheet HTML 15Page - Tyco Electronics 4-640440-1 Datasheet HTML 16Page - Tyco Electronics 4-640440-1 Datasheet HTML 17Page - Tyco Electronics 4-640440-1 Datasheet HTML 18Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
14
Material and Finish
Housing — UL94V-2 rated, nylon, see
below for color; or UL94V-0 rated,
nylon, black
Contacts — Phosphor bronze, post tin
plated, .000030 [0.00076] or .000015
[0.00038] post gold-plated over nickel
Closed End Connectors
.520
[13.21]
.275
[6.99]
.075
[1.91]
.245
[6.22]
.275
[6.99]
.184
[4.67]
.100
[2.54]
Typ.
A
.056
[1.42]
Without Polarizing Tabs
With Polarizing Tabs
.075
[1.91]
.228
[5.80]
.520
[13.21]
.275
[6.99]
.075
[1.91]
.245
[6.22]
.305
[7.75]
.184
[4.67]
.100
[2.54]
Typ.
A
.056
[1.42]
Without Polarizing Tabs
With Polarizing Tabs
.075
[1.91]
.228
[5.80]
Feed-Thru Connectors
Color Coding by
Wire Size for UL94V-2
Connectors
28 AWG — Green
26 AWG — Blue
24 AWG — White
22 AWG — Red
All wire sizes in UL94V-0 —
Black
For mateability options, see
matrix on pages 12 and 13.
For mating half visuals, see
pages 20 thru 30.
Notes:
1. Refer to pages 70-74 for
approved wire listing.
2. For strain reliefs and dust covers,
see page 16.
3. For keying plugs, see page 17.
4. Other circuit sizes are available
upon request. Minimums may
apply.
5. Connector circuits can be molded
closed for keying purposes.
Minimums may apply.
6. Where no part numbers appear in
the chart, parts can be made
available upon request. Minimums
may apply.
7. To determine connector overall
length (dim. A), multiply .100 x the
number of circuits. Example: .100
x 10 circuits equals 1.000 inch
[25.4 mm].
MTA-100 IDC Connectors—Closed End and Feed-Thru
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341


유사한 부품 번호 - 4-640440-1

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-640440-1 MACOM-4-640440-1 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
More results

유사한 설명 - 4-640440-1

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
3-644456-7 MACOM-3-644456-7 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-644861-4 MACOM-2-644861-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
1375820-5 MACOM-1375820-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-644488-5 MACOM-2-644488-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
640468-3 MACOM-640468-3 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power Connectors
3-644043-4 MACOM-3-644043-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
3-644466-2 MACOM-3-644466-2 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
3-643818-4 MACOM-3-643818-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
3-641215-2 MACOM-3-641215-2 Datasheet
267Kb / 3P
   MTA, CST-100 II, MT-6 and SL Connectors and Headers
640255-1 MACOM-640255-1 Datasheet
577Kb / 1P
   MTA, CST and SL Accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com