전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-640440-2 데이터시트(PDF) 27 Page - Tyco Electronics

부품명 4-640440-2
상세설명  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-640440-2 데이터시트(HTML) 27 Page - Tyco Electronics

Back Button 4-640440-2 Datasheet HTML 23Page - Tyco Electronics 4-640440-2 Datasheet HTML 24Page - Tyco Electronics 4-640440-2 Datasheet HTML 25Page - Tyco Electronics 4-640440-2 Datasheet HTML 26Page - Tyco Electronics 4-640440-2 Datasheet HTML 27Page - Tyco Electronics 4-640440-2 Datasheet HTML 28Page - Tyco Electronics 4-640440-2 Datasheet HTML 29Page - Tyco Electronics 4-640440-2 Datasheet HTML 30Page - Tyco Electronics 4-640440-2 Datasheet HTML 31Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
27
Page_Head (Continued)
Material and Finish
Housing —
2–12 Position — UL94V-0 rated,
nylon, black
13–18 Position — UL94V-0 rated,
LCP, black
Posts — Copper alloy, tin plated,
.000030 [0.00076] or .000015
[0.00038] gold over nickel
Notes:
1. Post(s) can be omitted for keying
purposes. Specify the desired
post(s) to be omitted using the
figure to identify Post No. 1.
2. Gold headers are duplex plated,
gold on mating end of post and
tin on the solder tail.
3. To determine header overall
length (dim. A) multiply .100 x the
number of posts. Example: .100
x 10 posts equals 1.000 inch
[25.4 mm].
For mateability options, see
matrix on pages 12 and 13.
For mating half visuals, see
pages 14, 15 and 31.
Header Ordering
Information
The “Base Part Numbers”
Chart at right shows the base
part number.
Prefixes and suffixes are deter-
mined by the number of post
positions in the header. For
example, the complete part
number for a 10-position header
with straight posts would be:
Base number 647047 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-647047-0
All part numbers are the RoHS
equivalent version. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-647047-2
thru
12
4-647047-2
13
NA
thru
18
NA
See page 15 for an explanation of
RoHS lead free equivalents.
Note: All RoHS equivalent part num-
bers may not be available upon cat-
alog release. If the number you
need is not available, please contact
Product Engineering to expedite
your request.
Straight Post (.025 [0.64] Square)
.113
[2.87]
A
.025
[0.64]
Sq.
.100
[2.54]
.050
[1.27]
Post
No. 1
.290
[7.37]
.135
[3.43]
.550
[13.97]
.070
[1.78]
.125
[3.18]
.250
[6.35]
.347
[8.81]
Right-Angle Post (.025 [0.64] Square)
.113
[2.87]
.025
[0.64]
Sq.
.100
[2.54]
.050
[1.27]
Post
No. 1
.290
[7.37]
.125
[3.18]
.070
[1.78]
.112
[2.84]
.250
[6.35]
.347
[8.81]
.140
[3.56]
A
Recommended Mounting Hole Pattern for .062 [1.57] Thick PC Board
.300
[7.62]
.150
[3.81]
.100
[2.54]
Typ.
.040
[1.02]
Pre-Tinned Plated
Thru Hole Typ.
.060
[1.52]
Pre-Tinned Land
Both Sides Typ.
.008
[0.20]
Min. Thk. Solder
Paste In Area Shown
.065
[1.65]
.0325
[0.826]
Post No. 1
For use with Infrared Reflow Process
Maximum Temperature Rating: 2–12 Position: 280°C
13–18 Position: 235°C
Note: Consult Product Drawing
for details on placing headers
onto PC boards.
Base Part Numbers
Straight Posts
Straight Posts (Tube Loaded)
Right-Angle Posts
Header
RoHS
Header
RoHS
Header
RoHS
Part Nos.
Equiv.
Part Nos.
Equiv.
Part Nos.
Equiv.
Standard UL94V-0, Tin Plated
647047
32–42
647298
32–42
647048
32–42
Standard UL94V-0, .000030 [0.00076] Gold Plated
647109
32–42
647300
32–42
647114
32–42
Standard UL94V-0, .000015 [0.00038] Gold Plated
647075
32–42
647299
32–42
647076
32–42
Note: Select load headers (omitted pin headers) are available upon request. Please contact product engineer or
product manager for details.
MTA-100 Polarized High Temperature Headers—Straight and Right-Angle
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341


유사한 부품 번호 - 4-640440-2

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-640440-2 MACOM-4-640440-2 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
More results

유사한 설명 - 4-640440-2

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
3-644456-7 MACOM-3-644456-7 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-644861-4 MACOM-2-644861-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
1375820-5 MACOM-1375820-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-644488-5 MACOM-2-644488-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
640468-3 MACOM-640468-3 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power Connectors
3-644043-4 MACOM-3-644043-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
3-644466-2 MACOM-3-644466-2 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
3-643818-4 MACOM-3-643818-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
3-641215-2 MACOM-3-641215-2 Datasheet
267Kb / 3P
   MTA, CST-100 II, MT-6 and SL Connectors and Headers
640255-1 MACOM-640255-1 Datasheet
577Kb / 1P
   MTA, CST and SL Accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com