전자부품 데이터시트 검색엔진 |
|
4-640440-9 데이터시트(PDF) 7 Page - Tyco Electronics |
|
4-640440-9 데이터시트(HTML) 7 Page - Tyco Electronics |
7 / 84 page 7 Connector Kits — Discrete Wire Feed-Thru and Closed End Connectors Material and Finish Housing — UL 94V-2 rated, thermo- plastic Contacts — Phosphor bronze; .000100 [0.00254] min. tin in wire termination area, over .000050 [0.00127] min. nickel; choice on mating end: .000100 [0.00254] min. tin or .000030 [0.00076] gold or .000015 [0.00038] gold, over .000050 [0.00127] min. nickel Color Coding by Wire Size for UL94V-0 Connectors 26 AWG — Blue 28 AWG — Green 30 AWG — Brown For Strain Relief Covers see page 8. For mating Headers see pages 9 and 10. For Mateability Guide, see matrixes on page 4. A ± .004 [ ± 0.10] (See Note 1) .050 [1.27] .035 [0.89] .100 ± .003 [2.54 ± 0.08] .190 ± .003 [4.83 ± 0.08] Ref. Ref. Position 1 .150 [3.81] .315 ± .006 [8.00 ± 0.15] Base Part Numbers Connector Feed-Thru Closed End Type & Connector Kit No. of Connector Kit No. of Wire Size Part Nos. Circuits Part Nos. Circuits Tin Plated 26 AWG 1445341 2–28 1445350 2–28 0.12–0.15 mm2 28 AWG 1445344 2–28 1445353 2–28 0.08–0.09 mm2 30 AWG 1445347 2–28 1445356 2–28 0.05–0.06 mm2 .000030 [0.00076] Gold Plated 26 AWG 1445343 2–28 1445352 2–28 0.12–0.15 mm2 28 AWG 1445346 2–28 1445355 2–28 0.08–0.09 mm2 30 AWG 1445349 2–28 1445358 2–28 0.05–0.06 mm2 .000015 [0.00038] Gold Plated 26 AWG 1445342 2–28 1445351 2–28 0.12–0.15 mm2 28 AWG 1445345 2–28 1445354 2–28 0.08–0.09 mm2 30 AWG 1445348 2–28 1445357 2–28 0.05–0.06 mm2 Notes: 1. To determine connector overall length (dim. A), multiply .050 x the number of circuits and add .082. Example: .050 x 10 circuits equals 0.50 + .082 = .582 [14.78]. 2. Strain relief covers shown on page 8 are required and sold as part of the Connector Kit. 3. Stranded UL Style 1061 or equiv- alent wire is recommended. 4. Unless otherwise stated all toler- ances (except plating) to be ±.005 [±0.13]. 5. Consult Product Drawing for RoHS Compliant information. Connector Kit Ordering Information Connector Kit consists of Receptacle Assembly and Strain Relief Cover. Base part number prefixes and suffixes indicate the number of circuit positions, for example: Base part num- ber 1445341 2 position = 0-1445341-2 and 28 position = 2-1445341-8 Note: Tin-plated connectors and headers in even position sizes from 2–12 and 18 are stocked parts; all other position sizes and products with gold-plated contacts are Make To Order. Receptacle Assemblies — Discrete Wire MTA-50 IDC Connectors and Headers (Continued) MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |
유사한 부품 번호 - 4-640440-9 |
|
유사한 설명 - 4-640440-9 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |