전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7989-5BRMZ 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 AD7989-5BRMZ
상세설명  18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

AD7989-5BRMZ 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  AD7989-5BRMZ Datasheet HTML 1Page - List of Unclassifed Manufacturers AD7989-5BRMZ Datasheet HTML 2Page - List of Unclassifed Manufacturers AD7989-5BRMZ Datasheet HTML 3Page - List of Unclassifed Manufacturers AD7989-5BRMZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD7989-5BRMZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD7989-5BRMZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7989-5BRMZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7989-5BRMZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7989-5BRMZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
18-Bit, 100 kSPS/500 kSPS
PulSAR ADCs in MSOP/LFCSP
Data Sheet
AD7989-1/AD7989-5
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low power dissipation
AD7989-1
400 μW at 100 kSPS (VDD only)
700 μW at 100 kSPS (total)
AD7989-5
2 mW at 500 kSPS (VDD only)
3.5 mW at 500 kSPS (total)
18-bit resolution with no missing codes
Throughput: 100 kSPS (AD7989-1)/500 kSPS (AD7989-5)
INL: ±1 LSB typical, 2 LSB maximum
SNR: 98 dB at 1 kHz, VREF = 5 V
SINAD: 97 dB at 1 kHz
THD: −120 dB at 10 kHz
Dynamic range: 99 dB, VREF = 5 V
True differential analog input range: ±VREF
0 V to VREF with VREF between 2.4 V and 5.1 V
Allows use of any input range
Easy to drive with the ADA4941-1
No pipeline delay
Single-supply 2.5 V operation with 1.8 V/2.5 V/3 V/5 V logic
interface
SPI-/QSPI™-/MICROWIRE™-/DSP-compatible serial interface
Ability to daisy-chain multiple ADCs
10-lead package: MSOP and 3 mm × 3 mm LFCSP
APPLICATIONS
Battery-powered equipment
Data acquisition systems
Medical instruments
Seismic data acquisition systems
GENERAL DESCRIPTION
The AD7989-1/AD7989-5 are 18-bit, successive approximation,
analog-to-digital converters (ADCs) that operate from a single
power supply, VDD. They contain a low power, high speed,
18-bit sampling ADC and a versatile serial interface port. On
the CNV rising edge, the AD7989-1/AD7989-5 sample the
voltage difference between the IN+ and IN− pins. The voltages
on these pins usually swing in opposite phases between 0 V and
VREF. The reference voltage, REF, is applied externally and can
be set independent of the supply voltage, VDD. Its power scales
linearly with throughput.
The AD7989-1/AD7989-5 are serial peripheral interface (SPI)
compatible, which features the ability, using the SDI input, to
daisy-chain several ADCs on a single 3-wire bus. It is compatible
with 1.8 V, 2.5 V, 3 V, and 5 V logic, using the separate VIO supply.
The AD7989-1/AD7989-5 are available in a 10-lead MSOP or a
10-lead LFCSP with operation specified from −40°C to +85°C.
Table 1. MSOP, LFCSP 14-/16-/18-Bit PulSAR® ADCs
Bits
100 kSPS
250 kSPS
400 kSPS
to 500 kSPS
≥1000
kSPS
ADC
Driver
181
AD7989-12
AD76912
AD76902
AD79822
ADA4941-1
AD7989-52
AD79842
ADA4841-1
161
AD7684
AD76872
AD76882
ADA4941-1
AD76932
ADA4841-1
163
AD7680
AD76852
AD76862
AD79802
ADA4841-1
AD7683
AD7694
AD7988-52
AD79832
ADA4841-1
AD7988-12
ADA4841-1
143
AD7940
AD79422
AD79462
ADA4841-1
1 True differential.
2 Pin-for-pin compatible.
3 Pseudo differential.
TYPICAL APPLICATIONS CIRCUIT
Figure 1.
REF
GND
VDD
IN+
IN–
VIO
SDI/CS
SCK
SDO
CNV
1.8V TO 5.5V
ADA4941-1
3- OR 4-WIRE
INTERFACE
(SPI, CS,
DAISY CHAIN)
2.5V TO 5V 2.5V
±10V, ±5V, ..
AD7989-1/
AD7989-5


유사한 부품 번호 - AD7989-5BRMZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7989-5BRMZ AD-AD7989-5BRMZ Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7989-5BRMZ AD-AD7989-5BRMZ Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
AD7989-5BRMZ-RL7 AD-AD7989-5BRMZ-RL7 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7989-5BRMZ-RL7 AD-AD7989-5BRMZ-RL7 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
More results

유사한 설명 - AD7989-5BRMZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7693 AD-AD7693_17 Datasheet
739Kb / 25P
   500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7946 AD-AD7946_15 Datasheet
538Kb / 24P
   14-Bit, 500 kSPS, PulSAR ADC in MSOP and LFCSP
REV. B
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7690 AD-AD7690 Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
   250 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7946BRMZ AD-AD7946BRMZ Datasheet
644Kb / 24P
   14-Bit, 500 kSPS PulSAR ADC in MSOP
REV. A
AD7989-1 AD-AD7989-1_17 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
AD7688 AD-AD7688 Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com