전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMEN-2208 데이터시트(PDF) 1 Page - Sanken electric

부품명 FMEN-2208
상세설명  Silicon Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMEN-2208 데이터시트(HTML) 1 Page - Sanken electric

  FMEN-2208 Datasheet HTML 1Page - Sanken electric FMEN-2208 Datasheet HTML 2Page - Sanken electric FMEN-2208 Datasheet HTML 3Page - Sanken electric FMEN-2208 Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANKEN ELECTRIC CO., LTD.
FMEN-2208
071227
1/4
61426-01
1 Scope
The present specifications shall apply to FMEN-2208.
2 Outline
Type
Silicon Schottky Barrier Diode
Structure
Resin Molded
Applications
High Frequency Rectification
3 Flammability
UL94V-0(Equivalent)
4 Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
85
PT ≤ 500 ns
Duty ≤ 1/40 *1
2
Peak Reverse Voltage
VRM
V
80
3
Average Forward Current
IF(AV)
A
20
Refer to derating curve
in Section 7
4
Peak Surge Forward Current
IFSM
A
120
10 ms.
Half sine wave, one shot
5
I
2t Limiting Value
I
2t
A
2s
72
1 ms ≤ t ≤ 10 ms
6
Junction Temperature
Tj
°C
-40 to +150
7
Storage Temperature
Tstg
°C
-40 to +150
*1
No.1, 2, 4 and 5 show ratings per one chip.
5 Electrical characteristics (Ta=25°C, unless otherwise specified)
No.
Item
Symbol
Unit
Value
Conditions
1
Forward Voltage Drop
VF
V
0.76 max.
IF=10A
2
Reverse Leakage Current
IR
uA
200 max.
VR=VRM
3
Reverse Leakage Current Under
High Temperature
H・IR
mA
100 max.
VR=VRM, Tj=150°C
4
Thermal Resistance
Rth(j-c)
°C /W
4.0 max.
Between Junction and case
No.1, 2 and 3 show characteristics per one chip.
PT
T
VRSM
VRM


유사한 부품 번호 - FMEN-2208

제조업체부품명데이터시트상세설명
logo
Sanken electric
FMEN-220A SANKEN-FMEN-220A Datasheet
315Kb / 7P
   Schottky Barrier Diode
FMEN-220A SANKEN-FMEN-220A Datasheet
317Kb / 7P
   Schottky Barrier Diode
logo
Inchange Semiconductor ...
FMEN-220A ISC-FMEN-220A Datasheet
235Kb / 2P
   Schottky Barrier Rectifier
logo
Sanken electric
FMEN-220A SANKEN-FMEN-220A_07 Datasheet
317Kb / 7P
   Schottky Barrier Diode
More results

유사한 설명 - FMEN-2208

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
E208931_HSC278 HITACHI-E208931_HSC278 Datasheet
71Kb / 7P
   Silicon Schottky Barrier Diode
HSB226YP HITACHI-HSB226YP Datasheet
23Kb / 5P
   Silicon Schottky Barrier Diode
logo
Nanjing International G...
1N60P DGNJDZ-1N60P Datasheet
75Kb / 1P
   SILICON SCHOTTKY BARRIER DIODE
logo
National Semiconductor ...
HPC36164 NSC-HPC36164 Datasheet
348Kb / 5P
   Silicon Schottky Barrier Diode
logo
SEMTECH ELECTRONICS LTD...
SD784WS SEMTECH_ELEC-SD784WS Datasheet
176Kb / 3P
   SILICON SCHOTTKY BARRIER DIODE
logo
Guangdong Kexin Industr...
HSM276S KEXIN-HSM276S Datasheet
36Kb / 1P
   Silicon Schottky Barrier Diode
HRW0503A KEXIN-HRW0503A Datasheet
34Kb / 1P
   Silicon Schottky Barrier Diode
HSM88WA KEXIN-HSM88WA Datasheet
34Kb / 1P
   Silicon Schottky Barrier Diode
logo
Sanken electric
FMW-24L SANKEN-FMW-24L Datasheet
228Kb / 5P
   Silicon Schottky Barrier Diode
RK36 SANKEN-RK36 Datasheet
142Kb / 5P
   Silicon Schottky Barrier Diode
SJPA-D3 SANKEN-SJPA-D3 Datasheet
128Kb / 5P
   Silicon Schottky Barrier Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com