전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R01AN1504EJ0100 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 R01AN1504EJ0100
상세설명  Using the DTC to Perform Continuous Clock
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R01AN1504EJ0100 데이터시트(HTML) 3 Page - Renesas Technology Corp

  R01AN1504EJ0100 Datasheet HTML 1Page - Renesas Technology Corp R01AN1504EJ0100 Datasheet HTML 2Page - Renesas Technology Corp R01AN1504EJ0100 Datasheet HTML 3Page - Renesas Technology Corp R01AN1504EJ0100 Datasheet HTML 4Page - Renesas Technology Corp R01AN1504EJ0100 Datasheet HTML 5Page - Renesas Technology Corp R01AN1504EJ0100 Datasheet HTML 6Page - Renesas Technology Corp R01AN1504EJ0100 Datasheet HTML 7Page - Renesas Technology Corp R01AN1504EJ0100 Datasheet HTML 8Page - Renesas Technology Corp R01AN1504EJ0100 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
Using the DTC to Perform Continuous Clock
RL78/G14
Synchronous Serial Communication
R01AN1504EJ0100 Rev. 1.00
Page 3 of 47
Feb. 14, 2014
1. Specifications
In this application note, the serial array unit (SAU) and DTC are used to successively transmit and receive 8-bit data.
The SAU is used as a 3-wire serial I/O interface to output a transfer clock from the SCK00 pin, output transmit data
from the SO00 pin, and input receive data to the SI00 pin.
The DTC transfers transmit data and receive data from the transmission source address to the destination address. The
DTC is activated by the 3-wire serial I/O interface transfer end.
Table 1.1 lists the peripherals functions and their applications. Figure 1.1 shows the timing and communication format.
Table 1.1 Peripheral Functions and Their Applications
Peripheral Function
Application
SAU (unit 0, channel 0)
Performs clock synchronous serial communication
DTC
Transfers transmit data and receive data
SCK00 pin
DTC is activated
(Transfers the transmit and receive data)
Transmit/receive
First byte
D7
D6
D5
D4
D3
D2
D1
D0
SO00 pin
D7
D6
D5
D4
D3
D2
D1
D0
SI00 pin
104 µs (9600 bps)
Second
byte
Third byte
Fourth
byte
Fifth byte
Sixth byte
Seventh
byte
Eighth
byte
Figure 1.1 Timing and Communication Format


유사한 부품 번호 - R01AN1504EJ0100

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
R01-LFR FRONTIER-R01-LFR Datasheet
125Kb / 2P
   1A MINIATURE FAST RECOVERY PLASTIC RECTIFIER
logo
E-SWITCH
R010000 E-SWITCH-R010000 Datasheet
27Kb / 1P
   All Dimension In MM
R010001 E-SWITCH-R010001 Datasheet
30Kb / 1P
   All Dimension In MM
R010002 E-SWITCH-R010002 Datasheet
89Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
R010003 E-SWITCH-R010003 Datasheet
33Kb / 1P
   All Dimension In MM
More results

유사한 설명 - R01AN1504EJ0100

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
AN2577 STMICROELECTRONICS-AN2577 Datasheet
287Kb / 34P
   Using the eTPU angle clock
AN3371 STMICROELECTRONICS-AN3371 Datasheet
427Kb / 45P
   Using the hardware real-time clock
logo
List of Unclassifed Man...
S3086TEIB ETC2-S3086TEIB Datasheet
77Kb / 2P
   Continuous Rate Clock Recovery Unit
logo
Rohm
DTC124EF ROHM-DTC124EF Datasheet
878Kb / 3P
   DTA/DTC SERIES
logo
NXP Semiconductors
AN11012 PHILIPS-AN11012_15 Datasheet
1Mb / 36P
   Using the TEA1703 to reduce standby power
Rev. 1-30 March 2011
logo
STMicroelectronics
AN3023 STMICROELECTRONICS-AN3023 Datasheet
289Kb / 23P
   Using the analog-to-digital converter of the STM8A microcontroller
AN2658 STMICROELECTRONICS-AN2658 Datasheet
189Kb / 23P
   Using the analog to digital converter of the STM8S microcontroller
logo
Ralston Instruments.
QTHA-3TS0 RALSTON-QTHA-3TS0_19 Datasheet
583Kb / 1P
   Connect to any 3/8" tube fitting and perform a calibration without using a wrench
logo
Texas Instruments
SN74AC04DRG4 TI-SN74AC04DRG4 Datasheet
1Mb / 20P
[Old version datasheet]   The ?쁀C04 devices contain six independent inverters. The devices perform the Boolean function Y = A.
logo
Intel Corporation
STK2MV64CC INTEL-STK2MV64CC Datasheet
3Mb / 4P
   INTEL COMPUTE STICK BUILT TO PERFORM DESIGNED TO FIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com