전자부품 데이터시트 검색엔진 |
|
TL071 데이터시트(PDF) 4 Page - Motorola, Inc |
|
TL071 데이터시트(HTML) 4 Page - Motorola, Inc |
4 / 8 page TL071C,AC TL072C,AC TL074C,AC 4 MOTOROLA ANALOG IC DEVICE DATA VCC/VEE = ±15 V (See Figure 2) RL = 10 k RL = 2.0 k Figure 3. Input Bias Current versus Temperature Figure 4. Output Voltage Swing versus Frequency Figure 5. Output Voltage Swing versus Load Resistance Figure 6. Output Voltage Swing versus Supply Voltage Figure 7. Output Voltage Swing versus Temperature Figure 8. Supply Current per Amplifier versus Temperature TA, AMBIENT TEMPERATURE (°C) –75 –50 –25 0 25 50 75 100 125 VCC/VEE = ±15 V 100 1.0 k 10 k 100 k 1.0 M 10 M f, FREQUENCY (Hz) RL, LOAD RESISTANCE (kΩ) 0.1 0.2 0.4 0.7 1.0 2.0 10 4.0 7.0 VCC, |VEE| , SUPPLY VOLTAGE (±V) 0 5.0 10 15 20 RL = 2.0 k TA = 25°C TA, AMBIENT TEMPERATURE (°C) –50 –25 0 25 50 75 100 125 TA, AMBIENT TEMPERATURE (°C) –50 –25 0 25 50 75 100 125 VCC/VEE = ±15 V TA = 25°C (See Figure 2) 0.6 100 10 1.0 0.1 0.01 30 25 20 15 10 5.0 0 30 20 10 5.0 0 40 30 20 10 0 35 30 25 20 15 10 5.0 0 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.4 0.2 0 VCC/VEE = ±15 V ±10 V ±5.0 V RL = 2.0 k TA = 25°C (See Figure 2) VCC/VEE = ±15 V –100 150 35 40 40 –75 –75 |
유사한 부품 번호 - TL071 |
|
유사한 설명 - TL071 |