전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R01US0079ED0103 데이터시트(PDF) 10 Page - Renesas Technology Corp

부품명 R01US0079ED0103
상세설명  RENESAS 32-Bit MCU
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R01US0079ED0103 데이터시트(HTML) 10 Page - Renesas Technology Corp

Back Button R01US0079ED0103 Datasheet HTML 6Page - Renesas Technology Corp R01US0079ED0103 Datasheet HTML 7Page - Renesas Technology Corp R01US0079ED0103 Datasheet HTML 8Page - Renesas Technology Corp R01US0079ED0103 Datasheet HTML 9Page - Renesas Technology Corp R01US0079ED0103 Datasheet HTML 10Page - Renesas Technology Corp R01US0079ED0103 Datasheet HTML 11Page - Renesas Technology Corp R01US0079ED0103 Datasheet HTML 12Page - Renesas Technology Corp R01US0079ED0103 Datasheet HTML 13Page - Renesas Technology Corp R01US0079ED0103 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
Data Flash Access Library - Type T01, European Release
Introduction
R01US0079ED0103
10
User Manual
Chapter 1
Introduction
This user manual describes the internal structure, the functionality and the application programming
interface (API) of the Renesas RH850 Data Flash Access Library (FDL) Type 01, designed for RH850
flash devices based on a common flash technology.
The libraries are delivered in source code. However it has to be considered carefully to do any changes,
as not intended behaviour and programming faults might be the result.
The Renesas RH850 Data Flash Access Library Type 01 (from here on referred to as FDL) is provided for
the Green Hills, IAR and Renesas compiler environments. The library and application programs are
distributed using an installer tool allowing selecting the appropriate environment.
The libraries are delivered together with device dependent application programs, showing the
implementation of the libraries and the usage of the library functions.
The Data Flash Access library, the latest version of this user manual and other device dependent
information can be downloaded from the following URL:
http://www.renesas.eu/update
Please ensure to always use the latest release of the library in order to take advantage of improvements
and bug fixes.
This manual is based on the assumption that the device will operate in supervisor mode. For information
on other modes, refer to the user's manual for the hardware.
Note:
Please read all chapters of this user manual carefully. Much attention has been put to proper description
of usage conditions and limitations. Anyhow, it can never be completely ensured that all incorrect ways of
integrating the library into the user application are explicitly forbidden. So, please follow the given
sequences and recommendations in this document exactly in order to make full use of the library
functionality and features and in order to avoid malfunctions caused by library misuse.
Flash Infrastructure
Besides the Code Flash, many devices of the RH850 microcontroller family are equipped with a separate
flash area
— the Data Flash. This flash area is meant to be used exclusively for data. It cannot be used
for instruction execution (code fetching).
Flash Granularity
The Data Flash of RH850 device is separated into blocks of 64 byte. While erase operations can only be
performed on complete blocks, data writing can be done on a granularity of one word (4 bytes). Reading
from an erased flash word will return random data. The number of available Data Flash blocks varies
between the different RH850 devices. Please refer to the corresponding user's manual for the hardware
for detailed information.
Data Flash is divided into Flash macro


유사한 부품 번호 - R01US0079ED0103

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
R01US0068EJ0100 RENESAS-R01US0068EJ0100 Datasheet
919Kb / 56P
   EEPROM Emulation Library
More results

유사한 설명 - R01US0079ED0103

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
RX610 RENESAS-RX610_15 Datasheet
1Mb / 86P
   RENESAS 32-Bit MCU
R5F56108VNFP RENESAS-R5F56108VNFP_13 Datasheet
1Mb / 86P
   RENESAS 32-Bit MCU
RA6M2 RENESAS-RA6M2_V01 Datasheet
1Mb / 100P
   32-Bit MCU Renesas Advanced (RA) Family Renesas RA6 Series
May 14, 2021
RA2A1 RENESAS-RA2A1 Datasheet
1Mb / 100P
   32-Bit MCU Renesas Advanced (RA) Family Renesas RA2 Series
RA6M1 RENESAS-RA6M1_V01 Datasheet
1Mb / 92P
   32-bit MCU Renesas Advanced (RA) Family Renesas RA6 Series
RA6T1 RENESAS-RA6T1_V01 Datasheet
784Kb / 70P
   32-Bit MCU Renesas Advanced (RA) Family Renesas RA6 Series
Feb 24, 2022
RX610 RENESAS-RX610 Datasheet
1Mb / 8P
   32-Bit MCU
RA4W1 RENESAS-RA4W1 Datasheet
1Mb / 105P
   32-Bit MCU
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com