전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL0637 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 HCPL0637
상세설명  High Speed-10 MBit/s Logic Gate Optocouplers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0637 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  HCPL0637 Datasheet HTML 1Page - Fairchild Semiconductor HCPL0637 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0637 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0637 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0637 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0637 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0637 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0637 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0637 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL06XX Rev. 1.0.9
4
Electrical Characteristics (T
A = -40°C to +85°C unless otherwise specified.)
Individual Component Characteristics
Switching Characteristics (TA = -40°C to +85°C, VCC = 5 V, IF = 7.5 mA unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min.
Typ.*
Max.
Unit
EMITTER
VF
Input Forward Voltage
IF = 10mA
1.8
V
TA = 25°C
1.75
BVR
Input Reverse Breakdown Voltage
IR = 10µA
5.0
V
ΔVF/ΔTA Input Diode Temperature Coefficient
IF = 10mA
-1.5
mV/°C
DETECTOR
ICCH
High Level Supply Current
IF = 0mA,
VE = 0.5 V
VCC = 5.5V
Single Channel
10
mA
Dual Channel
15
ICCL
Low Level Supply Current
IF = 10mA,
VE = 0.5 V
VCC = 5.5V
Single Channel
13
mA
Dual Channel
21
IEL
Low Level Enable Current
VCC = 5.5V, VE = 0.5V
Single Channel
-1.6
mA
IEH
High Level Enable Current
VCC = 5.5V, VE = 2.0V
Single Channel
-1.6
mA
VEH
High Level Enable Voltage
VCC = 5.5V, IF = 10mA
Single Channel
2.0
V
VEL
Low Level Enable Voltage
VCC = 5.5V, IF = 10mA
(2)
Single Channel
0.8
V
Symbol
AC Characteristics
Test Conditions
Device
Min.
Typ. Max. Unit
TPLH
Propagation Delay Time
to Output High Level
RL = 350Ω, CL = 15pF
(3)
TA = 25°C
All
20
75
ns
(Fig. 20)
100
TPHL
Propagation Delay Time
to Output Low Level
RL = 350Ω, CL = 15pF
(4)
TA = 25°C
All
25
75
ns
(Fig. 20)
100
|TPHL-TPLH| Pulse Width Distortion
RL = 350Ω, CL = 15pF (Fig. 20)
All
35
ns
tr
Output Rise Time (10-90%) RL = 350Ω, CL = 15pF
(5) (Fig. 20)
Single Ch
50
ns
Dual Ch
17
tf
Output Fall Time (90-10%)
RL = 350Ω, CL = 15pF
(6) (Fig. 20)
Single Ch
12
ns
Dual Ch
5
tELH
Enable Propagation Delay
Time to Output High Level
IF = 7.5mA, VEH = 3.5V, RL = 350Ω,
CL = 15pF
(7) (Fig. 21)
HCPL0600
HCPL0601
HCPL0611
20
ns
tEHL
Enable Propagation Delay
Time to Output Low Level
IF = 7.5mA, VEH = 3.5V, RL = 350Ω,
CL = 15 pF
(8) (Fig. 21)
HCPL0600
HCPL0601
HCPL0611
20
ns
|CMH|
Common Mode
Transient Immunity
(at Output High Level)
RL = 350Ω, TA =25°C,
IF = 0mA,
VOH (Min.) = 2.0 V
(9)
(Fig. 22, 23)
|VCM| = 10V
HCPL0600
HCPL0637
5,000
V/µs
|VCM| = 50V
HCPL0601
HCPL0638
10,000
|VCM| = 1,000V HCPL0611 15,000
HCPL0639 25,000
|CML|
Common Mode
Transient Immunity
(at Output Low Level)
RL = 350Ω, TA =25°C,
IF = 7.5mA,
VOL (Max.) = 0.8 V
(10)
(Fig. 22, 23)
|VCM| = 10V
HCPL0600
HCPL0637
5,000
V/µs
|VCM| = 50V
HCPL0601
HCPL0638
10,000
|VCM| = 1,000V HCPL0611 15,000
HCPL0639 25,000


유사한 부품 번호 - HCPL0637

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HCPL0637 FAIRCHILD-HCPL0637 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0637 FAIRCHILD-HCPL0637 Datasheet
414Kb / 18P
   The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
HCPL0637 FAIRCHILD-HCPL0637 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0637 FAIRCHILD-HCPL0637 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0637 FAIRCHILD-HCPL0637 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

유사한 설명 - HCPL0637

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com