전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMXA-4203S 데이터시트(PDF) 1 Page - Sanken electric

부품명 FMXA-4203S
상세설명  Ultrafast Recovery Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMXA-4203S 데이터시트(HTML) 1 Page - Sanken electric

  FMXA-4203S Datasheet HTML 1Page - Sanken electric FMXA-4203S Datasheet HTML 2Page - Sanken electric FMXA-4203S Datasheet HTML 3Page - Sanken electric FMXA-4203S Datasheet HTML 4Page - Sanken electric FMXA-4203S Datasheet HTML 5Page - Sanken electric FMXA-4203S Datasheet HTML 6Page - Sanken electric FMXA-4203S Datasheet HTML 7Page - Sanken electric FMXA-4203S Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ultrafast Recovery Diode
FMXA-4203S
November, 2005
Sanken Electric Co.,Ltd.
D01-004EA-051128
■General Description
Shorter trr at high temperature has been realized by
employing the new life time control technology.
This is the optimum characteristic as a high frequency
rectifier FRD for FCC power supply, etc.
■Package---TO3PF
■Applications
● A high frequency rectifier for FCC power supply
unit, etc.
● An output rectifier for SMPS, UPS, DC-DC
converter.
● A Flywheel diode for the inverter and chopper, etc.
■Features
● The shortest trr characteristic in the world at high
temperature (100°C).
Realized to shorten the trr at 100°C by 30%
compared to the conventional device.
(51ns
=>
36ns
(typ.),
IF=IRP=500/500mA.
Compared to the SK’s conventional device
FMX-33S)
■Key Specifications
●Absolute maximum ratings
Parameter
Symbol
Unit
Rating
Transient Peak Reverse Voltage
VRSM
V
300
Peak Reverse Voltage
VRM
V
300
Average Forward Current
IF(AV)
A
20
Peak Surge Forward Current
IFSM
A
100
●Electrical characteristics
Parameter
Symbol
Unit
Rating
Conditions
Forward Voltage Drop
VF
V
1.3
max.
IF=10A
Reverse Leakage
Current
IR
μA
100
max.
VR=VRM
Reverse Leakage
Current Under High
Temperature
H•IR
mA
30
max.
VR=VRM,
Tj=150°C
Reverse Recovery
Time
trr
ns
25
max.
IF=IRP=500mA
90% Recovery point
trr = 40ns
IRP = 5.07A
Qrr = 101.4nC
Qrr
IRP
trr = 27ns
IRP = 3.62A
Qrr = 49.2nC
Qrr
IRP
FMX-33S (Conventional device)
Measurement condition: FCC power supply, f=160kHz, Load 5A (DC12V)
Typical Current Waveform, mounted on the power supply
FMXA-4203S (New device)
Horiz:40ns/div, Vert:2A/div
http://www.sanken-ele.co.jp/en/
1/8


유사한 부품 번호 - FMXA-4203S

제조업체부품명데이터시트상세설명
logo
Sanken electric
FMXA-4203S SANKEN-FMXA-4203S Datasheet
416Kb / 8P
   Ultrafast Recovery Diode
FMXA-4203S SANKEN-FMXA-4203S_07 Datasheet
417Kb / 8P
   Ultrafast Recovery Diode
More results

유사한 설명 - FMXA-4203S

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
   Ultrafast recovery diode
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
   Ultrafast recovery diode
logo
Sanken electric
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
   Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
   Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
   Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
   Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
   Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C300HJ ISC-DPG60C300HJ Datasheet
285Kb / 2P
   Ultrafast Recovery Diode
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
   Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
   Ultrafast Recovery Diode
logo
Sanken electric
MPL-1036S SANKEN-MPL-1036S Datasheet
241Kb / 5P
   Ultrafast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com