전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KSD2012GTU 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 KSD2012GTU
상세설명  Low Frequency Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD2012GTU 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  KSD2012GTU Datasheet HTML 1Page - Fairchild Semiconductor KSD2012GTU Datasheet HTML 2Page - Fairchild Semiconductor KSD2012GTU Datasheet HTML 3Page - Fairchild Semiconductor KSD2012GTU Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
60
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current
3
A
IB
Base Current
0.3
A
PC
Collector Power Dissipation (TC=25°C)
25
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
IC = 50mA, IB = 0
60
V
ICBO
Collector Cut-off Current
VCB = 60V, IE = 0
100
µA
IEBO
Emitter Cut-off Current
VEB = 7V, IC = 0
10
µA
h FE1
hFE2
DC Current Gain
VCE = 5V, IC = 0.5A
VCE = 5V, IC = 3A
100
20
320
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 2A, IB = 0.2A
0.4
1
V
VBE(on)
Base-Emitter ON Voltage
VCE = 5V, IC = 0.5A
0.7
1
V
fT
Current Gain Bandwidth Product
VCE = 5V, IC = 0.5A
3
MHz
Classification
Y
G
hFE1
100 ~ 200
150 ~ 320
KSD2012
Low Frequency Power Amplifier
• Complement to KSB1366
1
1.Base
2.Collector
3.Emitter
TO-220F


유사한 부품 번호 - KSD2012GTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KSD2012 FAIRCHILD-KSD2012 Datasheet
46Kb / 4P
   Low Frequency Power Amplifier
More results

유사한 설명 - KSD2012GTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261 Datasheet
38Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com