전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA6208L-D08-T 데이터시트(PDF) 3 Page - Unisonic Technologies

부품명 BA6208L-D08-T
상세설명  REVERSIBLE MOTOR DRIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA6208L-D08-T 데이터시트(HTML) 3 Page - Unisonic Technologies

  BA6208L-D08-T Datasheet HTML 1Page - Unisonic Technologies BA6208L-D08-T Datasheet HTML 2Page - Unisonic Technologies BA6208L-D08-T Datasheet HTML 3Page - Unisonic Technologies BA6208L-D08-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BA6208
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R109-004,C
ABSOLUTE MAXIMUM RATING (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VCC
18
V
Maximum Output Current
IOUT(MAX)
500
mA
DIP-8
500
mW
SIP-9
700
mW
Power Dissipation
SOP-8
PD
450
mW
Operating Temperature
TOPR
-20 ~ +60
°C
Storage Temperature
TSTG
-55 ~ +125
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
INPUT TRUTH TABLE
3pin (Ain)
2pin (Bin)
8pin (Aout)
7pin (Bout)
H
L
H
L
L
H
L
H
H
H
L
L
L
L
OPEN
OPEN
Note: HIGH level input is 2.0V or more.
LOW level input is 0.8V or less.
ELECTRICAL CHARACTERISTICS (Ta=25°C, V
CC=9V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Saturation Voltage
VCE
IOUT=100mA
1.6
V
High
VIH
2.0
V
Input Level Voltage
Low
VIL
0.8
V
Output Current
IOUT
200
mA
Standby Supply Current
IST
Ain=Low, Bin= Low
0.4
mA
Input High Level Current
IIH
VIH =4.5V
400
µA
Note: A diode that absorbs at least 500mA is built in to give protection against surge currents with a pulse width of
10 ms and a duty ratio of 10% or less.


유사한 부품 번호 - BA6208L-D08-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
BA6208L-D08-T UTC-BA6208L-D08-T Datasheet
60Kb / 4P
   REVERSIBLE MOTOR DRIVER
BA6208L-D08-T UTC-BA6208L-D08-T Datasheet
192Kb / 4P
   REVERSIBLE MOTOR DRIVER
BA6208L-D08-T UTC-BA6208L-D08-T Datasheet
151Kb / 4P
   REVERSIBLE MOTOR DRIVER
More results

유사한 설명 - BA6208L-D08-T

제조업체부품명데이터시트상세설명
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
   Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208_15 Datasheet
192Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6951FS ROHM-BA6951FS Datasheet
303Kb / 5P
   Reversible Motor Driver
BA6222 ROHM-BA6222_1 Datasheet
290Kb / 5P
   Reversible Motor Driver
BA6289F-E2 ROHM-BA6289F-E2 Datasheet
119Kb / 9P
   Reversible motor driver
logo
Tiger Electronic Co.,Lt...
BA6208 TGS-BA6208 Datasheet
639Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BD6941FM ROHM-BD6941FM Datasheet
333Kb / 5P
   Reversible Motor Driver
BA6208F-E2 ROHM-BA6208F-E2 Datasheet
45Kb / 2P
   Reversible motor driver
BA6247 ROHM-BA6247 Datasheet
121Kb / 6P
   Reversible motor driver
logo
Ceramate Technical
CMD6208 CERAMATE-CMD6208 Datasheet
86Kb / 3P
   Reversible Motor Driver
logo
Unisonic Technologies
UA9287 UTC-UA9287_12 Datasheet
146Kb / 4P
   REVERSIBLE MOTOR DRIVER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com