전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HLMPQ155AGR 데이터시트(Datasheet) 5 Page - Fairchild Semiconductor

부품명 HLMPQ155AGR
상세내용  SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

   
 5 page
background image
7/14/03
Page 5 of 6
© 2003 Fairchild Semiconductor Corporation
SUBMINIATURE T-3/4 LED
DIFFUSED AND CLEAR LAMPS
HIGH EFF. RED HLMP-6305A Water Clear
MV6700A
Red Diffused
YELLOW
HLMP-6405A Water Clear
MV6300A
Yellow Diffused
GREEN
HLMP-6505A Water Clear
MV6400A
Green Diffused
AIGaAs RED
HLMP-Q105A Water Clear
HLMP-Q150A Red Diffused
HLMP-Q101A Red Diffused
HLMP-Q155A Water Clear
FEATURES
•Available in Gullwing, Yoke and Z-bend lead formings
Compatible with automatic placement equipment
Compatible with vapor phase reflow soldering processes
Long life — solid state reliability
Reel and tape or bulk packaging available
DESCRIPTION
These subminiature solid state lamps are transfer molded in an
axial lead package. They are available in yellow, green, high
efficiency red and AIGaAs red in both diffused and water clear
lens.
Automatic placement equipment can be used to mount the
LEDs on the PC board. The lamps can be mounted using
either batch or in line vapor phase reflow solder processes.
NOTES:
ALL DIMENSIONS ARE IN INCHES (mm)
GULLWING LEAD CONFIGURATION
YOKE LEAD CONFIGURATION
Z-BEND LEAD CONFIGURATION
.024 (.6)
.016 (.4)
.091 (2.3)
.083 (2.1)
.020 (.5)
.012 (.3)
.087 (2.2)
.079 (2.0)
.154 (3.90)
.148 (3.75)
.033 (.82)
.000 (.00)
.016 (.4)
.008 (.2)
CATHODE
ANODE
.078 (1.9)
.063 (1.6)
.058 (1.48)
.050 (1.28)
.115 (2.92)
.099 (2.52)
.039 (1.0)
.028 (.7)
.010 (.26)
.002 (.06)
.058 (1.48)
.050 (1.28)
.048 (1.22)
.032 (.82)
.300 (7.62) MAX
.091 (2.3)
.083 (2.1)
.024 (.6)
.016 (.4)
.087 (2.2)
.079 (2.0)
.020 (.5)
.012 (.3)
CATHODE
ANODE
.115 (2.92)
.099 (2.52)
.078 (1.9)
.063 (1.6)
.117 (2.96)
.100 (2.56)
.047 (1.2)
.031 (0.8)
.010 (.26)
.002 (.06)
.033 (.85)
.026 (.65)
.087 (2.2)
.079 (2.0)
.058 (1.48)
.050 (1.28)
.024 (.6)
.016 (.4)
.020 (.5)
.012 (.3)
.091 (2.3)
.083 (2.1)
.189 (4.8)
.173 (4.4)
CATHODE
ANODE
.240 (6.1)
.232 (5.9)
.078 (1.9)
.063 (1.6)
.128 (3.24)
.112 (2.84)
.039 (.99)
.023 (.59)
.033 (.85)
.026 (.66)
.010 (.26)
.002 (.06)
.034 (.86)
.026 (.66)




Html 페이지

1  2  3  4  5  6