전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HLMPQ155AGR 데이터시트(Datasheet) 2 Page - Fairchild Semiconductor

부품명 HLMPQ155AGR
상세내용  SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

   
 2 page
background image
7/14/03
SUBMINIATURE T-3/4 LED
DIFFUSED AND CLEAR LAMPS
Page 2 of 6
© 2003 Fairchild Semiconductor Corporation
HIGH EFF. RED HLMP-6305A Water Clear
MV6700A
Red Diffused
YELLOW
HLMP-6405A Water Clear
MV6300A
Yellow Diffused
GREEN
HLMP-6505A Water Clear
MV6400A
Green Diffused
AIGaAs RED
HLMP-Q105A Water Clear
HLMP-Q150A Red Diffused
HLMP-Q101A Red Diffused
HLMP-Q155A Water Clear
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
Part Number QTLP-
MV6700A
MV6300A
MV6400A
HLMP-Q150A
Condition
Luminous Intensity (mcd)
IF = 10mA
Minimum
1.0
1.0
1.0
1.0*
Typical
3.0
3.0
3.0
1.8*
*Tested at IF = 1mA
Forward Voltage (V)
IF = 10mA
Maximum
3.0
3.0
3.0
1.8*
Typical
1.8
2.0
2.0
1.6*
*Tested at IF = 1mA
Peak Wavelength (nm)
635
585
565
660
IF = 10mA
Spectral Line Half Width (nm)
40
36
28
20
IF = 10mA
Reverse Voltage (V)
5
5
5
5
IR = 100µA
Viewing Angle (°)
50
50
50
50
IF = 10mA
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
Part Number QTLP-
HLMP-
6305A
HLMP-
6405A
HLMP-
6505A
HLMP-
Q101A
HLMP-Q105A/
Q155A
Condition
Luminous Intensity (mcd)
IF = 10mA
Minimum
3.0
3.0
3.0
22**
20.0**/2.0*
**Tested at IF = 1mA
Typical
12.0
12.0
12.0
45**
50.0**/4.0*
**Tested at IF = 20mA
Forward Voltage (V)
IF = 10mA
Maximum
3.0
3.0
3.0
2.4**
2.4**/1.8*
*Tested at IF = 1mA
Typical
1.8
2.0
2.0
1.8**
1.8**/1.6*
**Tested at IF = 20mA
Peak Wavelength (nm)
635
585
565
660
660
IF = 10mA
Spectral Line Half Width (nm)
40
36
28
20
20
IF = 10mA
Reverse voltage (V)
5555
5
IR = 100µA
Viewing Angle (°)
25
25
25
50
25
IF = 10mA




Html 페이지

1  2  3  4  5  6 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl